Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 27 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 23Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 24Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 25Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 26Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 27Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 28Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 29Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 30Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 114 page
background image
03
C3ENPA1-DS/D
Rev 03
Chapter 2
SIGNAL DESCRIPTIONS
Signal Summary
There are nine (9) functional groupings of signals in the C-3e Network Processor:
• Clock — 7 pins
• Channel Processors (CP0 - CP7) — 8x7 = 56 pins
• Executive Processor (XP) — 57 pins
– PCI Interface — 50 pins
– PROM Interface — 4 pins
– Serial Bus Interface — 2 pins
– General System Interface — 1 pin
• Fabric Processor (FP) — 42 pins
• Buffer Management Unit (BMU) — 160 pins
• Table Lookup Unit (TLU) — 99 pins
• Queue Management Unit (QMU) — 59 pins
• Power — 234 pins
• Test — 14 pins
Two (2) of the sections (CPs and FP) are configurable, depending on the type of device
being implemented.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com