Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 69 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 65Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 66Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 67Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 68Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 69Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 70Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 71Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 72Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 114 page
background image
JTAG Support
69
03
IDcode Register
The C-3e NP implements a standard 32bit JTAG identification register. Table 30 lists the
value of the code for full identification and its sub-components.
The concatenated 32bit value is hexidecimal 0002132d.
JTAG Instruction Register
The C-3e NP contains a 4bit instruction register. Table 31 lists the instructions that are
supported.
Table 30 JTAG Identification Code and Its Sub-components
FIELD NAME
WIDTH
BIT POSITIONS
BINARY VALUE
Version
4
31-28
0000
Part Number
16
27-12
0000_0000_0010_0001
Manufacturer Identity
11
11-1
001_1001_0110
LSB
1
0
1
Table 31 Instruction Register Instructions
INSTRUCTION MNEMONIC SELECTED REGISTER
INSTRUCTION OPCODE
Extest
Boundary Scan
0000
Idcode
Identification Register
0001
Sample/Preload
Boundary Scan
0010
Highz
Bypass Register
0011
Clamp
Bypass Register
0100
Bypass
Bypass Register
0101
Reserved*
Bypass Register
0110
Reserved*
Bypass Register
0111
Bypass
Bypass Register
1000
Bypass
Bypass Register
1001
Bypass
Bypass Register
1010
Bypass
Bypass Register
1011
Bypass
Bypass Register
1100
Bypass
Bypass Register
1101
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com