Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 91 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 87Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 88Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 89Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 90Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 91Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 92Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 93Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 94Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
AC Timing Specifications
91
03
PROM Interface Timing Specifications
The PROM interface timing is shown in Figure 22 and described in Table 47.
Figure 22 PROM Interface Timing Diagram
SPCK
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
SPDI
SPLD
SPDO
Tspc
Tsplo
Tspis Tspih
Tspdo
Table 47 PROM Interface Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Tspc
SPCK Cycle Time
40.0
ns
Tspis
SPDI Setup
10.0
ns
Tspih
SPDI Hold
0.0
ns
Tsplo
SPLD Output
Tsc
Tsc + 3.0
ns
Tspdo
SPDO Output
Tsc
Tsc + 3.0
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com