Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 31 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 27Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 28Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 29Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 30Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 31Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 32Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 33Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 34Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
Pin Descriptions Grouped by Function
31
03
Clock Signals
Table 6 describes the C-3e NP clock signals.
CP Interface Signals
The C-3e NP’s 8 external CPs support various network physical interfaces, providing a
serial interface to the PHY layer. Interfaces are configured via bits in the C-3e NP register
set. Many interfaces are possible by programming the configuration registers. CPs can be
used individually or in a cluster (four CPs) to implement the various interfaces.
Table 7 provides a quick reference of all the CP pins organized by clusters. There are seven
physical I/O pins associated with each CP. All pins are capable of receiving data, with some
configurable to be input clocks, output clocks, or data drivers. In addition, pairs of pins can
be configured as differential pairs for LVPECL compatibility.
In the case of RMII, OC-3, DS1, and DS3, the drivers and receivers at the pin are locally
configured to match the relevant PHY or Framer chip. OC-12 uses the aggregation of four
CPs (one cluster), while GMII and Ten Bit Interface (TBI) can use either eight CPs (four for
receive and four for transmit) or four CPs that share the transmit and receive functions for
non-wire speed applications.
During CP aggregation, all 28 pins associated with a cluster are routed to all of the Serial
Data Processors (SDPs) in that cluster. This allows round-robin usage of portions of the
SDPs, with each getting access to the necessary I/O pins.
Table 6 Clock and Reference Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
SCLK*
SCLKX*
* SCLK and SCLKX must not be AC-coupled.
F14
F15
1
1
LVPECL
LVPECL
I
I
Core Clock Rate (Differential)
CCLK0
F16
1
LVTTL
I
PD
Programmable CP Clock Input
CCLK1
E16
1
LVTTL
I
PD
Programmable CP Clock Input
CCLK2
E15
1
LVTTL
I
PD
Programmable CP Clock Input
CCLK3
E14
1
LVTTL
I
PD
Programmable CP Clock Input
CPREF†
† If any of the CPs are configured for LVPECL operation (OC3) using the pin mode registers, then CPREF must
be wired to an external reference, as specified in Table 34 on page 73. If none of the CPs are configured for
LVPECL operation, then the CPREF pin can be left unconnected.
D16
1
LVPECL
I
PD
Reference
TOTAL
7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com