Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 32Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 33Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 34Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 35Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 36Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 37Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 38Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 39Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
36
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Gigabit Ethernet (GMII) Configuration
Gigabit Ethernet Media Independent Interface (GMII) is configured in one of two ways:
• Use one CP cluster when density is more important than wire-speed performance
because you can then implement up to four Gigabit Ethernet ports per C-3e NP.
• Use two CP clusters for wire-speed performance and additional processing power. You
can implement up to two Gigabit Ethernet ports per C-3e NP.
Table 10 lists the possible CP cluster combinations you can use and Figure 4 shows receive
and transmit pin configurations by cluster. Table 11 lists the signals and pinouts for
Gigabit Ethernet (GMII).
Figure 4 GMII/TBI Transmit and Receive Pin Configurations
Table 10 Transmit and Receive Pin Combinations for Gigabit Ethernet and Fibre Channel
CLUSTER
SINGLE CLUSTER MODE (TBI OR GMII)
TWO CLUSTER MODE (GMII)*
* The Two Cluster Mode column lists typical configurations. Any cluster can be set up to either receive
or transmit. So you could configure a dual cluster mode where cluster 0 receives and cluster 3
transmits.
0
Port 1 Tx and Rx
Port 1 Tx
1
Port 2 Tx and Rx
Port 1 Rx
Cluster
0
Cluster
1
Cluster
2
Cluster
3
Port 1
Port 2
}
}
Tx
Tx
Rx
Rx
Single Cluster Mode
Pin Configuration
Port 1
}
Tx
Tx
Rx
Rx
Two Cluster Mode
Pin Configuration
nc
nc
nc = not connected
Cluster
0
Cluster
1
Cluster
2
Cluster
3
NOTE: Cluster 2 & 3 are Internal Loopback Only.
NOTE: Cluster 2 & 3 are Internal Loopback Only.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com