Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 112 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 106Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 107Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 108Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 109Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 110Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 111Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 112Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 113Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
112
INDEX
C3EN
Electrical 71
Executive Processor Timing 87
Fabric Processor Timing 92
Gigabit GMII Ethernet, TBI and MII Interface Timing
Specification 83
Low Speed Serial Interface Timing 90
MDIO Serial Interface Timing 89
Mechanical 103
OC-12 Timing 86
OC-3 Timing 85
PCI Timing 87
PROM Interface Timing 91
QMU Timing 98
TLU Timing 96
XP Timing 87
System Clock Timing Description 80
System Clock Timing Diagram 80
System Interfaces
Executive Processor 23
T
Table Lookup Unit 25
Test Signals 57
Test Signals, Miscellaneous, For JTAG, Scan, and Internal Test
Routines 57
Timing Outline
PROM Interface 47
TLU Signal Groups 97
TLU SRAM Interface Signals 53
TLU Timing Description 96
TLU Timing Diagram 96
TLU Timing Specifications 96
Transceiver Interface Configuration
SONET OC-12 41
SONET OC-3 40
Transmit and Receive Pin Combinations for Gigabit Ethernet and
FibreChannel 36
U
Utopia2/Utopia3 ATM Mode, C-3e Network Processor to Fabric
Interface Pin Mapping 50
Utopia2/Utopia3 PHY Mode, C-3e Network Processor to Fabric
Interface Pin Mapping 50
X
XP Timing Specifications 87
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com