Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 41Page - STMicroelectronics STM32U545CE Datasheet HTML 42Page - STMicroelectronics STM32U545CE Datasheet HTML 43Page - STMicroelectronics STM32U545CE Datasheet HTML 44Page - STMicroelectronics STM32U545CE Datasheet HTML 45Page - STMicroelectronics STM32U545CE Datasheet HTML 46Page - STMicroelectronics STM32U545CE Datasheet HTML 47Page - STMicroelectronics STM32U545CE Datasheet HTML 48Page - STMicroelectronics STM32U545CE Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 283 page
background image
DS14216 Rev 1
45/283
STM32U545xx
Functional overview
88
Depending on the peripherals, these interconnections can operate in Run, Sleep,
Low-power Run and Sleep, Stop 0, Stop 1 and Stop 2 modes.
3.11
Reset and clock controller (RCC)
The RCC (reset and clock control) manages the different reset types, and generates all
clocks for the bus and peripherals.
The RCC distributes the clocks coming from the different oscillators to the core and to
the peripherals. It also manages the clock gating for low-power modes and ensures the
clock robustness. It features:
•
Clock prescaler: in order to get the best trade-off between speed and current
consumption, the clock frequency to the CPU and peripherals can be adjusted by
a programmable prescaler.
•
Clock security system: clock sources can be changed safely on-the-fly in Run mode
through a configuration register.
•
Clock management: in order to reduce the power consumption, the clock controller
can stop the clock to the core, individual peripherals or memory.
•
System clock source: four different clock sources can be used to drive the master
clock SYSCLK:
–
HSE (4 to 50 MHz high-speed external crystal or ceramic resonator) that can
supply a PLL. The HSE can also be configured in bypass mode for an external
clock.
–
HSI16 (16 MHz high-speed internal RC oscillator) trimmable by software, that can
supply a PLL.
–
MSI (multispeed internal RC oscillator) trimmable by software, that can generate
16 frequencies from 100 kHz to 48 MHz. When a 32.768 kHz clock source is
available in the system (LSE), the MSI frequency can be automatically trimmed by
hardware to reach better than ±0.25% accuracy. In this mode the MSI can feed the
USB device, saving the need of an external high-speed crystal (HSE). The MSI
can supply a PLL.
–
System PLL that can be fed by HSE, HSI16 or MSI, with a maximum frequency
at 160 MHz.
•
HSI48 (RC48 with clock recovery system) internal 48 MHz clock source that can be
used to drive the USB, the SDMMC or the RNG peripherals. This clock can be output
on the MCO.
•
Auxiliary clock source: two ultra-low-power clock sources that can be used to drive
the real-time clock:
–
LSE (32.768 kHz low-speed external crystal), supporting three drive capability
modes. The LSE can also be configured in bypass mode for an external clock.
–
LSI (32 kHz low-speed internal RC), also used to drive the independent watchdog.
The LSI clock accuracy is ±5% accuracy. The LSI clock can be divided by 128 to
output a 250 Hz as source clock.
•
Peripheral clock sources: several peripherals have their own independent clock
whatever the system clock. Three PLLs, each having three independent outputs
allowing the highest flexibility, can generate independent clocks for the ADC, USB,
SDMMC, RNG, MDF, ADF, FDCAN1, OCTOSPI and SAI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com