Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 22Page - STMicroelectronics STM32U545CE Datasheet HTML 23Page - STMicroelectronics STM32U545CE Datasheet HTML 24Page - STMicroelectronics STM32U545CE Datasheet HTML 25Page - STMicroelectronics STM32U545CE Datasheet HTML 26Page - STMicroelectronics STM32U545CE Datasheet HTML 27Page - STMicroelectronics STM32U545CE Datasheet HTML 28Page - STMicroelectronics STM32U545CE Datasheet HTML 29Page - STMicroelectronics STM32U545CE Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 283 page
background image
Functional overview
STM32U545xx
26/283
DS14216 Rev 1
further access to this area until next system reset. One area per bank can be selected
at the beginning of the secure area.
•
volatile block-based secure flash memory area
Each page can be programmed on-the-fly as secure or nonsecure.
3.4.3
FLASH privilege protection
Each flash memory page can be programmed on-the-fly as privileged or unprivileged.
3.5
Embedded SRAMs
Five SRAMs are embedded in the STM32U545xx devices, each with specific features.
SRAM1 and SRAM2 are the main SRAMs. SRAM4 is in the SRAM used for peripherals
LPBAM (low-power background autonomous mode) in Stop 2 mode.
These SRAMs are made of several blocks that can be powered down in Stop mode to
reduce consumption:
•
SRAM1: three 64-Kbyte blocks (total 192 Kbytes)
•
SRAM2: 8-Kbyte + 56-Kbyte blocks (total 64 Kbytes) with optional ECC. In addition
SRAM2 blocks can be retained in Standby mode.
•
SRAM4: 16 Kbytes
•
BKPSRAM (backup SRAM): 2 Kbytes with optional ECC. The BKPSRAM can be
retained in all low-power modes and when VDD is off in VBAT mode, but not in
Shutdown mode.
3.5.1
SRAMs TrustZone security
When the TrustZone security is enabled, all SRAMs are secure after reset.
The SRAM1, SRAM2, and SRAM4 can be programmed as secure or nonsecure by blocks,
using the MPCBB (block-based memory protection controller).
The granularity of SRAM secure block based is a page of 512 bytes. Backup SRAM regions
can be programmed as secure or nonsecure with watermark, using the TZSC (TrustZone
security controller) in the GTZC (global TrustZone controller).
3.5.2
SRAMs privilege protection
The SRAM1, SRAM2, and SRAM4 can be programmed as privileged or unprivileged
by blocks, using the MPCBB. The granularity of SRAM privilege block based is a page
of 512 bytes. Backup SRAM regions can be programmed as privileged or unprivileged
with watermark, using the TZSC (TrustZone security controller) in the GTZC (global
TrustZone controller).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com