Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 55Page - STMicroelectronics STM32U545CE Datasheet HTML 56Page - STMicroelectronics STM32U545CE Datasheet HTML 57Page - STMicroelectronics STM32U545CE Datasheet HTML 58Page - STMicroelectronics STM32U545CE Datasheet HTML 59Page - STMicroelectronics STM32U545CE Datasheet HTML 60Page - STMicroelectronics STM32U545CE Datasheet HTML 61Page - STMicroelectronics STM32U545CE Datasheet HTML 62Page - STMicroelectronics STM32U545CE Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 283 page
background image
DS14216 Rev 1
59/283
STM32U545xx
Functional overview
88
–
Data alignment with built-in data coherency
–
DMA support
•
Low-power
–
HCLK frequency reduced for low-power operation while still keeping optimum
ADC performance
–
Wait mode: ADC overrun prevented in applications with low frequency HCLK
–
Auto-off mode: ADC automatically powered off except during the active
conversion phase, dramatically reducing the ADC power consumption
–
Autonomous mode: In low-power modes down to Stop 2 mode, the ADC4 is
automatically switched on when a trigger occurs to start conversion, and it is
automatically switched off after conversion. Data are transfered in SRAM
with DMA.
–
ADC4 interrupts wake up the device from Stop 0, Stop 1 and Stop 2 modes.
•
Analog input channels
–
Up to 19 external analog inputs
–
One channel for the internal temperature sensor (VSENSE)
–
One channel for the internal reference voltage (VREFINT)
–
One channel for the internal digital core voltage (VCORE)
–
One channel for monitoring the external VBAT power supply pin
–
Connection to two DAC internal channels
•
Start-of-conversion can be initiated:
–
By software
–
By hardware triggers with configurable polarity (timer events or GPIO input
events)
•
Conversion modes
–
Conversion of a single channel or scan of a sequence of channels
–
Selected inputs converted once per trigger in Single mode
–
Selected inputs converted continuously in Continuous mode
–
Discontinuous mode
•
Interrupt generation at the end of sampling, end of conversion, end of sequence
conversion, and in case of analog watchdog or overrun events, with wake-up from Stop
capability
•
Analog watchdog
•
Oversampler
–
16-bit data register
–
Oversampling ratio adjustable from 2 to 256
–
Programmable data shift up to 8 bits
•
ADC supply requirements: 1.62 to 3.6 V
•
ADC input range: VSSA < VIN < VREF+
Note:
The ADC4 analog block clock frequency must be between 140 kHz and 55 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com