Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 52Page - STMicroelectronics STM32U545CE Datasheet HTML 53Page - STMicroelectronics STM32U545CE Datasheet HTML 54Page - STMicroelectronics STM32U545CE Datasheet HTML 55Page - STMicroelectronics STM32U545CE Datasheet HTML 56Page - STMicroelectronics STM32U545CE Datasheet HTML 57Page - STMicroelectronics STM32U545CE Datasheet HTML 58Page - STMicroelectronics STM32U545CE Datasheet HTML 59Page - STMicroelectronics STM32U545CE Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 283 page
background image
Functional overview
STM32U545xx
56/283
DS14216 Rev 1
The OCTOSPI registers can be configured as secure through the TZSC controller.
3.24
Delay block (DLYB)
The delay block (DLYB) is used to generate an output clock that is dephased from the input
clock. The phase of the output clock must be programmed by the user application. The
output clock is then used to clock the data received by another peripheral such as
a SDMMC or Octo-SPI interface. The delay is voltage and temperature dependent, that may
require the application to re-configure and recenter the output clock phase with the received
data.
The delay block main features are:
•
Input clock frequency ranging from 25 to 160 MHz
•
Up to 12 oversampling phases
3.25
Analog-to-digital converter (ADC1 and ADC4)
The devices embed two successive approximation analog-to-digital converters.
Table 15. ADC features
ADC modes/features(1)
1. X = supported.
ADC1
ADC4
Resolution
14 bits
12 bits
Maximum sampling speed for 14-bit resolution
2.5 Msps
2.5 Msps
Hardware offset calibration
X
X
Hardware linearity calibration
X
-
Single-ended inputs
X
X
Differential inputs
X
-
Injected channel conversion
X
-
Oversampling
up to x1024
up to x256
Data register
32 bits
16 bits
DMA support
X
X
Parallel data output to MDF
X
-
Autonomous mode
-
X
Offset compensation
X
-
Gain compensation
X
-
Number of analog watchdogs
3
3
Wake-up from Stop mode
-
X(2)
2. Wake-up supported from Stop 0, Stop 1 and Stop 2 modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com