Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 12Page - STMicroelectronics STM32U545CE Datasheet HTML 13Page - STMicroelectronics STM32U545CE Datasheet HTML 14Page - STMicroelectronics STM32U545CE Datasheet HTML 15Page - STMicroelectronics STM32U545CE Datasheet HTML 16Page - STMicroelectronics STM32U545CE Datasheet HTML 17Page - STMicroelectronics STM32U545CE Datasheet HTML 18Page - STMicroelectronics STM32U545CE Datasheet HTML 19Page - STMicroelectronics STM32U545CE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 283 page
background image
Description
STM32U545xx
16/283
DS14216 Rev 1
full-speed, and one generic synchronous 8-/16-bit PSSI (parallel data input/output slave
interface).
The devices operate in the –40 to +85 °C (+105 °C junction) and –40 to +125 °C
(+130 °C junction) temperature ranges from a 1.71 to 3.6 V power supply.
A comprehensive set of power-saving modes allow the design of low-power applications.
Many peripherals (including communication, analog, timers and audio peripherals) can be
functional and autonomous down to Stop mode with direct memory access, thanks to
LPBAM support (low-power background autonomous mode).
Some independent power supplies are supported like an analog independent supply input
for ADC, DACs, OPAMPs and comparators, a 3.3 V dedicated supply input for USB and
up to 14 I/Os, that can be supplied independently down to 1.08 V. A VBAT input is available
for connecting a backup battery in order to preserve the RTC functionality and to backup 32
32-bit registers and 2-Kbyte SRAM.
The devices offer eight packages from 48 to 100 pins.
Table 2. STM32U545xx features and peripheral counts
Peripherals
Flash memory (Kbytes)
512
SRAM (274 Kbytes)
System (Kbytes)
272 (192+64+16)
Backup (bytes)
2048 backup SRAM + 128 backup registers
OCTOSPI
1
Timers
Advanced control
2 (16 bits)
General purpose
4 (32 bits) and 3 (16 bits)
Basic
2 (16 bits)
Low power
4 (16 bits)
SysTick timer
2
Watchdog timers
(independent,
window)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com