Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 59Page - STMicroelectronics STM32U545CE Datasheet HTML 60Page - STMicroelectronics STM32U545CE Datasheet HTML 61Page - STMicroelectronics STM32U545CE Datasheet HTML 62Page - STMicroelectronics STM32U545CE Datasheet HTML 63Page - STMicroelectronics STM32U545CE Datasheet HTML 64Page - STMicroelectronics STM32U545CE Datasheet HTML 65Page - STMicroelectronics STM32U545CE Datasheet HTML 66Page - STMicroelectronics STM32U545CE Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 283 page
background image
DS14216 Rev 1
63/283
STM32U545xx
Functional overview
88
3.29
Operational amplifier (OPAMP)
The devices embed one operational amplifier with external or internal follower routing and
PGA capability.
The operational amplifier features:
•
Low-input bias current
•
Low-offset voltage
•
Low-power mode
•
Rail-to-rail input
3.30
Multi-function digital filter (MDF) and audio digital filter (ADF)
The table below lists the set of features implemented into the MDF and the ADF.
3.30.1
Multi-function digital filter (MDF)
The MDF is a high-performance module dedicated to the connection of external sigma-delta
(Σ∆) modulators. It is mainly targeted for the following applications:
•
audio capture signals
•
motor control
•
metering
The MDF features two digital serial interfaces (SITFx) and digital filters (DFLTx) with flexible
digital processing options to offer up to 24-bit final resolution.
The DFLTx of the MDF also include the filters of the ADF (audio digital filter).
The MDF can receive, via its serial interfaces, streams coming from various digital sensors.
Table 18. MDF features
MDF modes/features(1)
1. X = supported.
ADF1
MDF1
Number of filters (DFLTx) and serial interfaces (SITFx)
1
2
ADF_CKI0 / MDF_CKIy connected to pins
-
X
Sound activity detection (SAD)
X
-
RXFIFO depth (number of 24-bit words)
4
4
ADC connected to ADCITF1
-
ADC1
ADC connected to ADCITF2
-
-
Motor dedicated features (SCD, OLD, OEC, INT, snapshot, break)
-
X
Main path with CIC4, CIC5
X
X
Main path with CIC1,2, 3 or FastSinc
-
X
RSFLT, HPF, SAT, SCALE, DLY, Discard functions
X
X
Autonomous in Stop mode
X(2)
2. Stop 0, Stop 1 and Stop 2 modes only.
X(3)
3. Stop 0 and Stop 1 modes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com