Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 33Page - STMicroelectronics STM32U545CE Datasheet HTML 34Page - STMicroelectronics STM32U545CE Datasheet HTML 35Page - STMicroelectronics STM32U545CE Datasheet HTML 36Page - STMicroelectronics STM32U545CE Datasheet HTML 37Page - STMicroelectronics STM32U545CE Datasheet HTML 38Page - STMicroelectronics STM32U545CE Datasheet HTML 39Page - STMicroelectronics STM32U545CE Datasheet HTML 40Page - STMicroelectronics STM32U545CE Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 283 page
background image
DS14216 Rev 1
37/283
STM32U545xx
Functional overview
88
Stop 2
LPR
No
OFF
ON(5)
LSE
LSI
BOR, PVD, PVM,
RTC, TAMP, IWDG,
TEMP, VREFBUF,
ADC4,
DAC1 (2 channels),
COMP1,
OPAMP1,
LPUART1,
SPI3,
I2C3,
LPTIMx (x = 1, 3, 4),
ADF1,
LPGPIO,
LPDMA1
All other peripherals are frozen.
Reset pin, all I/Os,
BOR, PVD, PVM,
RTC, TAMP, IWDG,
TEMP,
ADC4,
COMP1,
LPUART1,
SPI3,
I2C3,
LPTIMx (x = 1,3,4),
ADF1,
LPDMA1
Stop 3
LPR
No
OFF
ON(5)
LSE
LSI
BOR,
RTC, TAMP, IWDG,
DAC1 (2 static channels),
OPAMP1
All other peripherals are frozen.
I/O configuration can be floating,
pull-up or pull-down.
Reset pin,
24 I/Os (WKUPx),
BOR, RTC, TAMP,
IWDG
Standby
LPR
OFF
LSE
LSI
BOR, RTC, TAMP, IWDG
All other peripherals are
powered off.
I/O configuration can be floating,
pull-up or pull-down.
Reset pin,
24 I/Os (WKUPx),
BOR, RTC, TAMP,
IWDG
OFF
Shutdown
OFF
OFF
LSE
RTC, TAMP
All other peripherals are
powered off.
I/O configuration can be floating,
pull-up or pull-down(15).
Reset pin,
24 I/Os (WKUPx),
RTC, TAMP
Table 9. STM32U545xx mode overview (continued)
Mode
Regulator(1) CPU Flash SRAM Clocks
DMA and peripherals(2)
Wake-up source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com