Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 39Page - STMicroelectronics STM32U545CE Datasheet HTML 40Page - STMicroelectronics STM32U545CE Datasheet HTML 41Page - STMicroelectronics STM32U545CE Datasheet HTML 42Page - STMicroelectronics STM32U545CE Datasheet HTML 43Page - STMicroelectronics STM32U545CE Datasheet HTML 44Page - STMicroelectronics STM32U545CE Datasheet HTML 45Page - STMicroelectronics STM32U545CE Datasheet HTML 46Page - STMicroelectronics STM32U545CE Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 283 page
background image
DS14216 Rev 1
43/283
STM32U545xx
Functional overview
88
DCMI (digital camera
interface)
OO
-
--
--
--
--
--
PSSI (paral. synch.
slave interface)
OO
-
--
--
--
--
--
CORDIC coprocessor
O
O
-
--
--
--
--
--
FMAC (filter
mathematical
accelerator)
OO
-
--
--
--
--
--
TSC (touch sensing
controller)
OO
-
--
--
--
--
--
RNG (true random
number generator)
OO
-
--
--
--
--
--
AES and secure AES
O
O
-
--
--
--
--
--
PKA (public key
accelerator)
OO
-
--
--
--
--
--
OTFDEC (on-the-fly
decryption)
OO
-
--
--
--
--
--
HASH accelerator
O
O
-
--
--
--
--
--
CRC calculation unit
O
O
-
--
--
--
--
--
GPIOs
O
O
O
OO
O
-
(18)
24
pins
-
(18)
24
pins
-
(19)
24
pins
-
1. Y = yes (enabled). O = optional (disabled by default, can be enabled by software). - = not available.
Gray cells highlight the wake-up capability in each mode.
2. The flash memory can be configured in power-down mode. By default, it is not in power-down mode.
3. The SRAMs can be powered on or off independently.
4. The SRAM clock can be gated on or off independently.
5. Sub-blocks or full SRAM1, full SRAM2 and SRAM4 can be powered-off to save power consumption. SRAM1, SRAM2, and
SRAM4 can be accessed by GPDMA1 in Stop 0 and Stop 1 modes. SRAM4 can be accessed by LPDMA1 in Stop 0,
Stop 1 and Stop 2 modes.
6. ECC error interrupt or NMI wake-up from Stop mode.
7. 8-Kbyte, 56-Kbyte or full SRAM2 content can be preserved.
8. GPDMA transfers are functional and autonomous in Stop mode, and generates a wake-up interrupt on transfer events.
9. LPDMA transfers are functional and autonomous in Stop mode, and generates a wake-up interrupt on transfer events.
10. Some peripherals with autonomous mode and wake-up from Stop capability can request HSI16, MSIS or MSIK to be
enabled. In this case, the oscillator is woken up by the peripheral, and is automatically put off when no peripheral needs it.
11. USB is functional in voltage scaling range 1, 2 and 3.
12. USART and LPUART reception and transmission are functional and autonomous in Stop mode in asynchronous and
in SPI master modes, and generate a wake-up interrupt on transfer events.
13. I2C reception and transmission are functional and autonomous in Stop mode, and generate a wake-up interrupt
on transfer events.
Table 10. Functionalities depending on the working mode(1) (continued)
Peripheral
Run
Sleep
Stop 0/1
Stop 2
Stop 3
Standby Shutdown
VBAT
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com