Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 63Page - STMicroelectronics STM32U545CE Datasheet HTML 64Page - STMicroelectronics STM32U545CE Datasheet HTML 65Page - STMicroelectronics STM32U545CE Datasheet HTML 66Page - STMicroelectronics STM32U545CE Datasheet HTML 67Page - STMicroelectronics STM32U545CE Datasheet HTML 68Page - STMicroelectronics STM32U545CE Datasheet HTML 69Page - STMicroelectronics STM32U545CE Datasheet HTML 70Page - STMicroelectronics STM32U545CE Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 283 page
background image
DS14216 Rev 1
67/283
STM32U545xx
Functional overview
88
3.31
Digital camera interface (DCMI)
The DCMI is a synchronous parallel interface able to receive a high-speed data flow from
an external 8-, 10-, 12- or 14-bit CMOS camera module. It supports different data formats:
YCbCr4:2:2/RGB565 progressive video and compressed data (JPEG).
This interface is for use with black and white cameras, X24 and X5 cameras, and it is
assumed that all preprocessing such as resizing is performed in the camera module.
The DCMI features are:
•
8-, 10-, 12- or 14-bit parallel interface
•
Embedded/external line and frame synchronization
•
Continuous or snapshot mode
•
Crop feature
•
Supports the following data formats:
–
8/10/12/14-bit progressive video: either monochrome or raw Bayer
–
YCbCr 4:2:2 progressive video
–
RGB 565 progressive video
–
Compressed data: JPEG
3.32
Parallel synchronous slave interface (PSSI)
The PSSI and the DCMI use the same circuitry. As a result, these two peripherals cannot be
used at the same time: when using the PSSI, the DCMI registers cannot be accessed, and
vice versa. In addition, the PSSI and the DCMI share the same alternate functions and the
same interrupt vector.
The PSSI is a generic synchronous 8-/16-bit parallel data input/output slave interface. It
enables the transmitter to send a data valid signal that indicates when the data is valid, and
the receiver to output a flow control signal that indicates when it is ready to sample the data.
The PSSI peripheral main features are the following:
•
Slave mode operation
•
8-bit or 16-bit parallel data input or output
•
4-word (16-byte) FIFO
•
Data enable (PSSI_DE) alternate function input and ready (PSSI_RDY) alternate
function output
When selected, these inputs can either enable the transmitter to indicate when the data is
valid, or allow the receiver to indicate when it is ready to sample the data, or both.
3.33
Touch sensing controller (TSC)
The TSC provides a simple solution to add capacitive sensing functionality to any
application. A capacitive sensing technology is able to detect finger presence near
an electrode that is protected from direct touch by a dielectric (such as glass or plastic). The
capacitive variation introduced by the finger (or any conductive object) is measured using
a proven implementation based on a surface charge transfer acquisition principle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com