Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 80Page - STMicroelectronics STM32U545CE Datasheet HTML 81Page - STMicroelectronics STM32U545CE Datasheet HTML 82Page - STMicroelectronics STM32U545CE Datasheet HTML 83Page - STMicroelectronics STM32U545CE Datasheet HTML 84Page - STMicroelectronics STM32U545CE Datasheet HTML 85Page - STMicroelectronics STM32U545CE Datasheet HTML 86Page - STMicroelectronics STM32U545CE Datasheet HTML 87Page - STMicroelectronics STM32U545CE Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 283 page
background image
Functional overview
STM32U545xx
84/283
DS14216 Rev 1
•
Error detection with interrupt capability in case of data overrun, CRC error, data
underrun at slave, mode fault at master
•
Two 16x or 8x 8-bit embedded Rx and TxFIFOs with DMA capability
•
Programmable number of data in transaction
•
Configurable FIFO thresholds (data packing)
•
Configurable behavior at slave underrun condition (support of cascaded circular
buffers)
•
Autonomous functionality in Stop modes (handling of the transaction flow and required
clock distribution) with wake-up from stop capability
•
Optional status pin RDY signalizing the slave device ready to handle the data flow.
3.44
Serial audio interfaces (SAI)
The devices embed one SAI. Refer to Table 24: SAI implementation for the features
implementation. The SAI bus interface handles communications between the
microcontroller and the serial audio protocol.
The SAI peripheral supports:
•
Two independent audio sub-blocks that can be transmitters or receivers with their
respective FIFO
•
8-word integrated FIFOs for each audio sub-block
•
Synchronous or Asynchronous mode between the audio sub-blocks
•
Master or slave configuration independent for both audio sub-blocks
•
Clock generator for each audio block to target independent audio frequency sampling
when both audio sub-blocks are configured in master mode
•
Data size configurable: 8-, 10-, 16-, 20-, 24-, 32-bit
•
Peripheral with large configurability and flexibility allowing to target as example the
following audio protocol: I2S, LSB or MSB-justified, PCM/DSP, TDM, AC’97 and
SPDIF out
•
Up to 16 slots available with configurable size and with the possibility to select which
ones are active in the audio frame
•
Number of bits by frame may be configurable
Table 23. SPI features
SPI feature
SPI1, SPI2
(full feature set instances)
SPI3
(limited feature set instance)
Data size
Configurable from 4 to 32-bit
8/16-bit
CRC computation
CRC polynomial length
configurable from 5 to 33-bit
CRC polynomial length
configurable from 9 to 17-bit
Size of FIFOs
16x 8-bit
8x 8-bit
Number of transfered data
Unlimited, expandable
Up to 1024, no data counter
Autonomous in Stop 0, Stop 1 mode
with wake-up capability
Yes
Yes
Autonomous in Stop 2 mode with
wake-up capability
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com