Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 43Page - STMicroelectronics STM32U545CE Datasheet HTML 44Page - STMicroelectronics STM32U545CE Datasheet HTML 45Page - STMicroelectronics STM32U545CE Datasheet HTML 46Page - STMicroelectronics STM32U545CE Datasheet HTML 47Page - STMicroelectronics STM32U545CE Datasheet HTML 48Page - STMicroelectronics STM32U545CE Datasheet HTML 49Page - STMicroelectronics STM32U545CE Datasheet HTML 50Page - STMicroelectronics STM32U545CE Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 283 page
background image
DS14216 Rev 1
47/283
STM32U545xx
Functional overview
88
Figure 5. Clock tree
MSv70513V1
SYSCLK
MCO
LSCO
48 MHz clock to USB
To ADC1, ADC4 and DAC1
To IWDG
To RTC
HCLK
To AHB bus, core, memory and DMA
FCLK Cortex free running clock
To Cortex system timer
To APB1 peripherals
To APB2 peripherals
PCLK1
PCLK2
LSE
HSI16
To USARTx
(x = 3, 4, 5)
To I2Cx
(X = 1,2,4)
To LPTIM2
AUDIOCLK
To TIMx
(x = 2 to 7)
OSC32_OUT
OSC32_IN
MSIS
HSI16
HSE
HSE
HSI16
/32
AHB
PRESC
/1,2,..512
/ 8
APB1
PRESC
/1,2,4,8,16
x1 or x2
HSI16
LSI
LSE
HSI16
APB2
PRESC
/1,2,4,8,16
To TIMx
(x = 1,8,15,16,17)
x1 or x2
To USART1
LSE
HSI16
SYSCLK
/ M
HSI RC 16 MHz
HSE OSC
4-50 MHz
Clock
detector
OSC_OUT
OSC_IN
LSI RC
32 kHz or 250 Hz
HSI16
LSI
LSE
HSE
SYSCLK
HSI48
MSIS
To OCTOSPI1
To SDMMC1
/ M
HSI48 RC 48 MHz
CRS clock
ICLK
LSE OSC
32.768 kHz
Clock
detector
MSIS 100 kHz – 48 MHz
MSIK 100 kHz – 48 MHz
MSI RC
MSIK
HSI16
To SPI2
LSE
LSI
x4
x3
MSIK
HSE
pll1_q_ck
pll2_p_ck
To FDCAN1
MSIS
MSIK
pll1_r_ck
HSI48
pll1_p_ck
MSIK
LSI
MSIS
HSI16
HSE
PLL3
/ M
pll3_p_ck
pll3_q_ck
pll3_r_ck
MSIS
HSI16
HSE
SYSCLK
MSIK
pll1_q_ck
MSIK
HSI16
SYSCLK
To SPI1
pll1_p_ck
pll2_p_ck
pll3_p_ck
HSI16
To SAI1
x2
pll1_p_ck
pll3_q_ck
MSIK
To ADF1 and MDF1
/ 2
HSI16
To RNG
SHSI RC
/ 2
To SAES
x2
HSI48
MSIK
pll1_q_ck
pll2_q_ck
To APB3 peripherals
PCLK3
APB3
PRESC
/1,2,4,8,16
pll2_r_ck
HSE
HSI16
MSIK
x2
LSI
LSE
DAC1 sample and hold clock
SYSCLK
SYSCLK
SYSCLK
LSE
To SPI3
To I2C3
To LPUART1
To PWR
HSI16
MSIK
HSI16
MSIK
HSI16
MSIK
MSIK
HSI16
LSI
LSE
To LPTIM1, LPTIM3, LPTIM4
Clock
source
control
/ Q
/ P
/ R
VCO
/ N
PLL2
/ Q
/ P
/ R
VCO
/ N
pll2_p_ck
pll2_q_ck
pll2_r_ck
PLL1
/ Q
/ P
/ R
VCO
/ N
pll1_p_ck
pll1_q_ck
pll1_r_ck
pll2_q_ck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com