Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 148Page - STMicroelectronics STM32U545CE Datasheet HTML 149Page - STMicroelectronics STM32U545CE Datasheet HTML 150Page - STMicroelectronics STM32U545CE Datasheet HTML 151Page - STMicroelectronics STM32U545CE Datasheet HTML 152Page - STMicroelectronics STM32U545CE Datasheet HTML 153Page - STMicroelectronics STM32U545CE Datasheet HTML 154Page - STMicroelectronics STM32U545CE Datasheet HTML 155Page - STMicroelectronics STM32U545CE Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 283 page
background image
Table 47. SRAM1 current consumption in Run/Sleep mode with LDO and SMPS
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(SRAM1)
LDO
SRAM1 supply
current in
Run/Sleep mode
(SRAM1PD = 1
versus
SRAM1PD = 0)
Range 4
24
0.01
0.04 0.13
0.27
0.54
0.04 0.12 0.38
0.81
1.63
mA
Range 1
160
0.03
0.08 0.21
0.41
0.80
0.10 0.23 0.63
1.24
2.39
Range 2
110
0.02
0.06 0.17
0.35
0.69
0.07 0.18 0.52
1.05
2.08
Range 3
55
0.02
0.05 0.15
0.30
0.60
0.05 0.15 0.44
0.90
1.80
SMPS
VDD = 3.0 V
Range 4
24
0.005 0.01 0.05
0.10
0.21
0.01 0.04 0.15
0.31
0.62
Range 1
160
0.02
0.04
0.11
0.22
0.42
0.06 0.12 0.34
0.67
1.27
Range 2
110
0.01
0.03 0.09
0.18
0.34
0.04 0.09 0.26
0.53
1.02
Range 3
55
0.01
0.02 0.07
0.14
0.28
0.02 0.07 0.21
0.42
0.85
SMPS(2)
Range 4
24
0.01
0.02 0.08
0.17
0.35
0.03 0.08 0.25
0.54
1.09
Range 1
160
0.03
0.07 0.19
0.37
0.70
0.10 0.22 0.60
1.17
2.22
Range 2
110
0.02
0.05 0.15
0.29
0.57
0.06 0.16 0.46
0.92
1.80
Range 3
55
0.01
0.04
0.11
0.24
0.47
0.04 0.12 0.36
0.74
1.50
1. Evaluated by characterization. Not tested in production.
2. The typical value is measured at VDD = 1.8 V. The maximum value is for 1.71 V ≤ VDD ≤ 3.6 V and is at VDD = 1.71 V in Run/Sleep mode on SMPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com