Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 172Page - STMicroelectronics STM32U545CE Datasheet HTML 173Page - STMicroelectronics STM32U545CE Datasheet HTML 174Page - STMicroelectronics STM32U545CE Datasheet HTML 175Page - STMicroelectronics STM32U545CE Datasheet HTML 176Page - STMicroelectronics STM32U545CE Datasheet HTML 177Page - STMicroelectronics STM32U545CE Datasheet HTML 178Page - STMicroelectronics STM32U545CE Datasheet HTML 179Page - STMicroelectronics STM32U545CE Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 283 page
background image
Table 71. Current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VBAT (V) 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD(VBAT)
Supply current in
VBAT mode (backup
registers retained),
RTC disabled
-
1.8
0.05
0.22
1.10
2.95
8.00
0.12
0.55
2.80
7.40
20.00
µA
2.4
0.06
0.24
1.15
3.05
8.20
0.15
0.60
2.90
7.70
21.00
3.0
0.08
0.29
1.30
3.30
8.65
0.20
0.73
3.30
8.30
22.00
3.3
0.15
0.40
1.50
3.60
9.15
0.37
1.00
3.80
9.00
23.00
3.6
0.31
0.66
1.90
4.25
10.00
0.77
1.70
4.80
11.00 25.00
IDD(VBATwith
RTC)
Supply current in
VBAT mode (backup
registers retained),
RTC enabled
RTC(2) clocked by LSE
bypassed at 32768 Hz
1.8
0.28
0.47
1.50
3.40
8.60
0.37
0.83
3.20
7.90
21.00
2.4
0.30
0.50
1.65
3.60
8.90
0.41
0.89
3.50
8.30
22.00
3.0
0.33
0.56
1.85
3.95
9.40
0.47
1.10
3.90
9.00
23.00
3.3
0.40
0.68
2.10
4.30
10.00
0.65
1.40
4.50
9.80
24.00
3.6
0.58
0.96
2.65
5.00
11.00
1.10
2.00
5.60
12.00 27.00
RTC(2) clocked by LSE
bypassed at 32768 Hz,
RT C_CALR.LPCAL = 1
1.8
0.28
0.47
1.40
3.35
8.50
0.62
1.10
3.60
8.40
22.00
2.4
0.30
0.50
1.50
3.45
8.75
0.67
1.20
3.90
8.70
22.00
3.0
0.32
0.56
1.70
3.75
9.25
0.74
1.40
4.30
9.50
24.00
3.3
0.40
0.68
1.95
4.10
9.80
0.93
1.70
5.00
11.00 25.00
3.6
0.58
0.96
2.40
4.80
11.00
1.40
2.40
6.20
13.00 28.00
RTC(2) clocked by LSE
quartz in low-drive
1.8
0.45
0.65
1.60
3.50
8.75
-
-
-
-
-
2.4
0.51
0.73
1.70
3.65
9.00
-
-
-
-
-
3.0
0.59
0.83
1.85
3.95
9.45
-
-
-
-
-
3.3
0.69
0.98
2.10
4.30
10.00
-
-
-
-
-
3.6
0.89
1.30
2.60
5.00
11.00
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com