Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 206 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 206 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 202Page - STMicroelectronics STM32U545CE Datasheet HTML 203Page - STMicroelectronics STM32U545CE Datasheet HTML 204Page - STMicroelectronics STM32U545CE Datasheet HTML 205Page - STMicroelectronics STM32U545CE Datasheet HTML 206Page - STMicroelectronics STM32U545CE Datasheet HTML 207Page - STMicroelectronics STM32U545CE Datasheet HTML 208Page - STMicroelectronics STM32U545CE Datasheet HTML 209Page - STMicroelectronics STM32U545CE Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 283 page
background image
Electrical characteristics
STM32U545xx
206/283
DS14216 Rev 1
Note:
For information on GPIO configuration, refer to the application note ‘STM32 GPIO
configuration for hardware settings and low-power consumption’ (AN4899).
Table 93. I/O static characteristics(1)
Parameter
Conditions
Min
Typ
Max
VIL(2)
I/O input
low-level
voltage
1.08 V ≤ VDDIOx ≤ 3.6 V
-
-
0.3 VDDIOx
V
All I/Os except FT_c
-
-
0.38 VDDIOx(3)
FT_c I/Os
-
-
0.3 VDDIOx
VIH
(2)
I/O input
high-level
voltage
1.08 V ≤ VDDIOx ≤ 3.6 V
0.7 VDDIOx
--
All I/Os except FT_c
0.5 VDDIOx
+ 0.2(3)
--
FT_c I/Os
0.7 VDDIOx
--
Vhys
(3)
Input
hysteresis
TT_xx, FT_xx I/Os
-
250
-
mV
Ilkg
(3)(4)
Input
leakage
current
all I/Os except FT_c,
FT_d, FT_o, FT_t,
FT_u,TT_xx
VIN ≤ Max (VDDXXX)(5)
--
150
nA
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
-
-
2000
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
500
FT_c I/Os
VIN ≤ Max (VDDXXX)(5)
-
-
1500
Max (VDDXXX) < VIN ≤ 5 V(6)
-
-
2000
FT_d I/Os
VIN ≤ Max (VDDXXX)(5)
-
-
1500
Max (VDDXXX) < VIN ≤ 5.5 V(6)
-
-
5000
FT_o I/Os
VIN ≤ Max (VDDXXX)(5)
--
50
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
--
500
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
200
FT_u I/Os
VIN ≤ Max (VDDXXX)(5)
--
200
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
-
-
2500
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
500
FT_t I/Os
VIN ≤ Max (VDDXXX)(5)
--
300
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
-
-
3000
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com