Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 247 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 247 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 243Page - STMicroelectronics STM32U545CE Datasheet HTML 244Page - STMicroelectronics STM32U545CE Datasheet HTML 245Page - STMicroelectronics STM32U545CE Datasheet HTML 246Page - STMicroelectronics STM32U545CE Datasheet HTML 247Page - STMicroelectronics STM32U545CE Datasheet HTML 248Page - STMicroelectronics STM32U545CE Datasheet HTML 249Page - STMicroelectronics STM32U545CE Datasheet HTML 250Page - STMicroelectronics STM32U545CE Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 283 page
background image
DS14216 Rev 1
247/283
STM32U545xx
Electrical characteristics
258
Figure 50. PSSI receive timing diagram
5.3.31
Timer characteristics
The parameters given in the following tables are specified by design, not tested in
production.
Refer to Section 5.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
MSv63436V1
ts(DATA)
CKPOL=0
CKPOL=1
PSSI D[15:0]
(input)
th(DATA)
tw(PDCKL)
tw(PDCKH)
tc(PDCK)
tf(PDCK)
Invalid data IN
Valid data IN
DEPOL=0
DEPOL=1
RDYPOL=0
RDYPOL=1
Invalid data IN
tr(PDCK)
ts(DE)
th(DE)
tv(RDY)
tho(RDY)
Table 123. TIMx(1) characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 160 MHz
6.25
-
ns
fEXT
Timer external clock frequency on
CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 160 MHz
0
80
ResTIM
Timer resolution
TIMx (except TIM2/3/4/5)
-
16
bit
TIM2/3/4/5
-
32
tCOUNTER 16-bit counter clock period
-
1
65536
tTIMxCLK
fTIMxCLK = 160 MHz
0.007
409.6
µs
tMAX_COUNT
Maximum possible count with
32-bit counter
-
-
65536 × 65536 tTIMxCLK
fTIMxCLK = 160 MHz
-
26.843
s
1. TIMx, is used as a general term in which x stands for 1,2,3,4,5,6,7,8,15,16 or 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com