Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 257 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 257 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 253Page - STMicroelectronics STM32U545CE Datasheet HTML 254Page - STMicroelectronics STM32U545CE Datasheet HTML 255Page - STMicroelectronics STM32U545CE Datasheet HTML 256Page - STMicroelectronics STM32U545CE Datasheet HTML 257Page - STMicroelectronics STM32U545CE Datasheet HTML 258Page - STMicroelectronics STM32U545CE Datasheet HTML 259Page - STMicroelectronics STM32U545CE Datasheet HTML 260Page - STMicroelectronics STM32U545CE Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 283 page
background image
DS14216 Rev 1
257/283
STM32U545xx
Electrical characteristics
258
5.3.37
USB_FS characteristics
5.3.38
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in the tables below are derived from tests
performed under the ambient temperature, fHCLKx frequency and VDD supply voltage
conditions summarized in Table 33, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output
characteristics.
Table 131. USB_FS characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDDUSB
USB transceiver operating supply voltage
-
3.0(1)
-3.6
V
RPUI
Embedded USB_DP pullup value during idle
-
900
-
1575
Ω
RPUR
Embedded USB_DP pullup value during reception
-
1425
-
3090
ZDRV
Output driver impedance(2)
High and low driver
28
36
44
1. USB functionality is ensured down to 2.7 V, but some USB electrical characteristics are degraded in 2.7 to 3.0 V range.
2. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-). The matching impedance is
already included in the embedded driver.
Table 132. JTAG characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FTCK
TCK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
38
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
-
26
tisu(TMS)
TMS input setup time
-
1
-
-
ns
tih(TMS)
TMS input hold time
-
3
-
-
tisu(TDI)
TDI input setup time
-
2
-
-
tih(TDI)
TDI input hold time
-
1
-
-
tov(TDO)
TDO output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
9
13
ns
1.71 V ≤ VDD ≤ 3.6 V
-
9
19
toh(TDO)
TDO output hold time
-
7
-
-
1. Evaluated by characterization. Not tested in production.
Table 133. SWD characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FSWCLK
SWCLK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
66.5
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
-
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com