Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 46 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 42Page - STMicroelectronics VNF1048F Datasheet HTML 43Page - STMicroelectronics VNF1048F Datasheet HTML 44Page - STMicroelectronics VNF1048F Datasheet HTML 45Page - STMicroelectronics VNF1048F Datasheet HTML 46Page - STMicroelectronics VNF1048F Datasheet HTML 47Page - STMicroelectronics VNF1048F Datasheet HTML 48Page - STMicroelectronics VNF1048F Datasheet HTML 49Page - STMicroelectronics VNF1048F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Revision history
Table 48. Document revision history
Date
Version
Changes
16-Oct-2019
1
Initial release.
05-Aug-2020
2
Updated:
-Section 9.1 QFN32L 5x5 package information
-Table 4. Supply specification (also added ID 1.11)
- Table 5. SPI logic inputs (CSN, SCK and SDI) specification
- Table 7. HWLO logic input pin specification
- Table 9. Device Thermal shutdown (added ID 2.21 and 2.22)
- Table 10. ST-SPI Specification: Timings
- Table 11. Charge Pump Specification
- Table 12. External FET Gate Driver Specification
- Table 13. Current sense amplifier with integrated ADC
- Table 14. External FET VDS Protection (also removed VDS_THRS_31, added ID 7.8 and 7.9)
- Table 15. Hard Short Circuit protection (added ID 8.5 and 8.6)
- Table 16. Overcurrent protection (added note)
- Table 17. External FET Thermal Shutdown via NTC input (added ID 10.6 and 10.7)
- Table 18. Bypass switch (removed tS_T_WAIT parameter)
- Figure 1. Block diagram
- Figure 16. Application diagram (also added note)
Added:
- Section 5.7 Low Current Bypass desaturation shut-down
- Section 6.15 Timeout Watchdog
- Table 19. VOUT A-to-D Conversion
- Figure 5. eFuse I2-t curve (generic thresholds)
Minor text changes in:
- Section 5.6 Current vs time latch-off
- Section 6.10 Global Status Byte
- Section 7.3 Stand-by mode
- Table 1. Pin functions
- Table 2. Absolute maximum rating
- Table 36. CR#2: Control Register 2 (read/write); Address 02h (ID 13.20)
22-Sep-2020
3
Updated:
- Order Code
- Table 4. Supply specification (ID 1.10, 1.11 and 1.12)
- Table 7. HWLO logic input pin specification (ID 2.10)
- Table 13. Current sense amplifier with integrated ADC (ID, removed ISENSE_DIFF parameter)
- Table 15. Hard Short Circuit protection (added ID 8.2)
- Table 16. Overcurrent protection (added ID 9.2)
13-Jul-2021
4
Updated:
- Features in cover page
- Section 2 Electrical specification
- Section 3 eFuse function
VNF1048F
DS13084 - Rev 6
page 46/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com