Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 41 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 37Page - STMicroelectronics VNF1048F Datasheet HTML 38Page - STMicroelectronics VNF1048F Datasheet HTML 39Page - STMicroelectronics VNF1048F Datasheet HTML 40Page - STMicroelectronics VNF1048F Datasheet HTML 41Page - STMicroelectronics VNF1048F Datasheet HTML 42Page - STMicroelectronics VNF1048F Datasheet HTML 43Page - STMicroelectronics VNF1048F Datasheet HTML 44Page - STMicroelectronics VNF1048F Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
•
VSPI and VS low consumption
•
SPI inactive
•
Registers are frozen (powered but with clock stopped) allowing to keep either previous configuration, in case
of transition from Unlocked state, or default reset configuration, in case of transition from power-on state.
The Standby mode is reached in case of power-on state transition from Unlocked mode through the following SPI
frame sequence:
1.
Frame #1 to set UNLOCK bit in CR#3
2.
Frame #2 to reset EN and set GOSTBY in CR#1
Exit from Standby mode occurs in any of the following cases:
CSN Low for a time t > tSTBY_OUT or BYPASS switch in ON state and de-saturation event occurrence.
7.4
WakeUp mode
The device enters in WakeUp mode from Stand-by when the VS – VOUT > VDS_BYPASS_SAT
In WakeUp mode, the device fuse functionality is armed and the device operates under the following conditions:
•
High current path through external FETs is ON
•
Protections for the external FETs are enabled
•
Low-Current Bypass is OFF
•
All diagnostics are enabled
•
Control registers are locked to write operations
•
Device is self-protected
•
SPI is active
•
Charge Pump is ON
7.5
Unlocked mode
In Unlocked mode, the device fuse functionality is armed and SPI communication is allowed. The device operates
under the following conditions:
•
High current path through external FETs can be ON or OFF, depending on the SPI setting
•
Protections for the external FETs are enabled
•
All diagnostics are enabled
•
Low-Current Bypass can be ON or OFF, depending on the SPI setting
•
Device is self-protected
•
SPI is active
•
Charge Pump is ON
7.6
Locked mode
In locked mode, the device fuse functionality is armed. The device operates under the following conditions:
•
External FETs status is defined by 'OUTCTL' and 'DIS_OUT_MODE' control bits
•
Protections for the external FETs are enabled
•
All diagnostics are enabled
•
Low-Current Bypass is defined by 'BYPASSCTL' and 'DIS_OUT_MODE' control bits
•
Device is self-protected
•
SPI is active, all registers can be read, Control registers are locked to write operations
•
Charge Pump is ON
7.7
Self-test mode
See Section 4 Self Test in this document.
VNF1048F
WakeUp mode
DS13084 - Rev 6
page 41/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com