Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 29 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 25Page - STMicroelectronics VNF1048F Datasheet HTML 26Page - STMicroelectronics VNF1048F Datasheet HTML 27Page - STMicroelectronics VNF1048F Datasheet HTML 28Page - STMicroelectronics VNF1048F Datasheet HTML 29Page - STMicroelectronics VNF1048F Datasheet HTML 30Page - STMicroelectronics VNF1048F Datasheet HTML 31Page - STMicroelectronics VNF1048F Datasheet HTML 32Page - STMicroelectronics VNF1048F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
6.8
SPI device information
Specific information can be read but not modified during this mode.
Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first. The command byte allows to
determine which information is read, whilst the other three data bytes are "don’t care".
Outgoing data are shifted out MSB first on the falling edge of the CSN pin and others on the falling edge of
the serial clock (SCK). The first byte corresponds to the Global Status byte, second byte to the content of the
addressed register, third and forth bytes are 0x00.
Figure 13. SPI read device information
CSN
SDI
SDO
Global Status byte
MSB
LSB
Data byte
MSB
LSB
Command byte
MSB
Address
LSB
1
1
Don’t care
Read and clear status
operation
MSB
LSB
(8 bits)
GADG1010171521PS
(24 bits)
(24 bits)
6.9
Special commands
0xFF — SWReset: set all control registers to default and clears all status register
An Opcode ‘11’ (read device information) addressed at ‘111111’ forces a Software Reset of the device, second,
third and forth bytes are "don't care" provided that at least one bit is zero.
Note:
an OpCode '11' at address '111111' with data field equal to '1111111111111111' the SPI frame is recognized as a
frame error and SPIE bit of GSB is set.
Table 29. 0xFF: (SW_Reset)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command
OC1
OC0
Address
1
1
1
1
1
1
1
1
DATA1
X(1)
X
X
X
X
X
X
0
0
0
0
0
0
0
DATA2
X
X
X
X
X
X
X
0
0
0
0
0
0
0
DATA3
X
X
X
X
X
X
X
0
0
0
0
0
0
0
1. X: do not care
0xBF — clear all status registers (RAM access)
When an OpCode ‘10’ (read and clear operation) at address b’111111 is performed.
VNF1048F
SPI device information
DS13084 - Rev 6
page 29/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com