Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics VNF1048F Datasheet HTML 12Page - STMicroelectronics VNF1048F Datasheet HTML 13Page - STMicroelectronics VNF1048F Datasheet HTML 14Page - STMicroelectronics VNF1048F Datasheet HTML 15Page - STMicroelectronics VNF1048F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
9.2
VOC_THRS_11
Overcurrent protection thresholds
-7%
+7%
mV
19.1
VOC_THRS_12
20.4
VOC_THRS_13
-5%
21.8
+5%
VOC_THRS_14
23.3
VOC_THRS_15
24.8
VOC_THRS_16
26.5
VOC_THRS_17
28.2
VOC_THRS_18
30.1
VOC_THRS_19
32.2
VOC_THRS_20
34.3
VOC_THRS_21
36.6
VOC_THRS_22
39.1
VOC_THRS_23
41.7
VOC_THRS_24
44.5
VOC_THRS_25
47.5
VOC_THRS_26
50.6
VOC_THRS_27
54
VOC_THRS_28
61.3
VOC_THRS_29
69.5
VOC_THRS_30
78.8
VOC_THRS_31
89.3
9.3
i-time_tol_t
I-t tolerance on time step (y axis)
(t-10%) - 32
(t+10%) +32
µs
9.4
tI_SAMPLING
Shunt current sampling time
-10%
61
+10%
µs
Note:
Overcurrent protection is based on the same 10-bit ADC used for Hard Short protection.
Table 17. External FET Thermal Shutdown via NTC input
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
10.1
VNTC_FSR
NTC input voltage full
scale range
VSENSE_N
– 1.2
VSENSE_N
V
10.2
VNTC_M
NTC_M output voltage
VSENSE_N –
1.2
V
10.3
VNTC _ACC
NTC input voltage
threshold accuracy
-3
3
mV
10.4
VNTC_THRS_0
External FET thermal
shutdown NTC input
voltage thresholds
110.92
mV
VNTC_THRS_1
98.76
VNTC_THRS_2
88.07
VNTC_THRS_3
78.66
VNTC_THRS_4
70.38
VNTC_THRS_5
63.08
VNF1048F
Main electrical characteristics
DS13084 - Rev 6
page 12/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com