Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 5Page - STMicroelectronics VNF1048F Datasheet HTML 6Page - STMicroelectronics VNF1048F Datasheet HTML 7Page - STMicroelectronics VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics VNF1048F Datasheet HTML 12Page - STMicroelectronics VNF1048F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CGATE = 80 nF
5.7
tOFF
Gate turn off
Full VGS to VGS < 0.5
CGATE = 80 nF
2.6
µs
5.8
VGS_UVLO_6V
Gate under voltage
lockout
VS = 6 V
5
V
5.9
VGS_UVLO_10V
Gate under voltage
lockout
VS >10 V
8.5
V
5.10
VG_UVLO_BLK
Gate under voltage
lockout blanking
Enable at Charge Pump startup if Ext
FET turn-on is required, and applied
after CP_LOW expiration (falling edge)
- 6 %
100
+ 6 %
µs
5.11 VG_UVLO_DEGLITCH
Gate under voltage
lockout de-glitch filtering
time
- 15 %
8
+ 15 %
µs
5.12
QGMAX
Maximum gate charge
VGS = 10 V
800
nC
Table 13. Current sense amplifier with integrated ADC
ID
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
6.1
VSENSE_CM
Common-mode input voltage
range
0
70
V
6.2
VSENSE_FSR
Differential input voltage full
scale range
0
160
mV
6.3
I_SENSE_P
CSA positive input current
400
μA
6.4
I_SENSE_N
CSA negative input current
560
μA
6.5 VSENSE_ADC_CONV
Current Sense ADC Full scale
range resolution
VSENSE_ADC[12:0] =
MIN((VSENSE/160 * 8192), 8191)
0
8191
6.6
VSENSE_REFRESH
Current Sense ADC sample
rate
2.4
kSample/s
6.7
VSENSE_ACC_6mV
Digital Current Sense Accuracy
6 mV < VSENSE_DIFF < 10 mV
-10
+10
%
6.8
VSENSE_ACC_10mV
VSENSE_DIFF = 10 mV
-5
+5
%
6.9
VSENSE_ACC_20mV
VSENSE_DIFF > 20 mV
-3
+3
%
6.10 VSENSE_ACC_1.8mV
1.8 mV < VSENSE_DIFF < 6 mV
-17
+17
%
Table 14. External FET VDS Protection
ID
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
7.1 VDS_THRS_RANGE
VDS monitor threshold range
31 steps adjustable through SPI
300
1800
mV
7.2
VDS_THRS_STEP VDS monitor threshold step
50
mV
7.3
VDS_THRS_0
VDS monitor thresholds
300
mV
VDS_THRS_ 1
350
VDS_THRS_2
400
VDS_THRS_3
450
VDS_THRS_ 4
500
VDS_THRS_ 5
550
VNF1048F
Main electrical characteristics
DS13084 - Rev 6
page 9/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com