Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 3Page - STMicroelectronics VNF1048F Datasheet HTML 4Page - STMicroelectronics VNF1048F Datasheet HTML 5Page - STMicroelectronics VNF1048F Datasheet HTML 6Page - STMicroelectronics VNF1048F Datasheet HTML 7Page - STMicroelectronics VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Table 5. SPI logic inputs (CSN, SCK and SDI) specification
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
2.1
IIL
Low level Input current (SCK and SDI)
VIL = 0.3 * VSPI
0.5
5
µA
Low level Input current (CSN)
-0.5
µA
2.2
IIH
High level Input current (SCK and SDI)
VIL = 0.7 * VSPI
0.5
5
µA
High level Input current (CSN)
-0.5
µA
2.3
VIL
Low level Input voltage
0.3 * VSPI
V
2.4
VIH
High level input voltage
0.7 * VSPI
V
2.5
VI_HYST Input hysteresis voltage
0.4
V
2.6
VICL
SCK and SDI clamping voltage
VSPI
+ 0.6
V
Table 6. SPI logic outputs (SDO) Specification
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
2.7
VOL
Low level output voltage
0.2 * VSPI
V
2.8
VOH
High level output voltage
0.8 * VSPI
V
2.9
ILO
Output leakage current
-10
10
µA
Table 7. HWLO logic input pin specification
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
2.10
IIL
Low level Input current
0.5
1
µA
2.11
IIH
High level Input current
10
µA
2.12
VIL
Low level Input voltage
0.9
V
2.13
VIH
High level input voltage
2.1
V
2.14
VI_HYST
Input hysteresis voltage
0.4
V
2.15
tHWLO
HWLO filtering time
33
µs
Table 8. DIAG logic output pin specification
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
2.16
VDIAG_PD
DIAG pin open-drain pull down voltage
0.2
V
2.17
IDIAG_PD
DIAG pin open-drain input current
VDIAG = VDIAG_PD
1
mA
2.18
IDIAG_LKG
DIAG pin open-drain leakage current
VDIAG = VSPI = 5.5 V
0
1
µA
Table 9. Device Thermal shutdown
ID
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
2.19
TTSD
Junction temperature thermal shutdown
threshold
160 175
190
°C
2.20
TTSD_HYS
Junction temperature thermal shutdown
hysteresis
15
°C
VNF1048F
Main electrical characteristics
DS13084 - Rev 6
page 7/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com