Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 38 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 34Page - STMicroelectronics VNF1048F Datasheet HTML 35Page - STMicroelectronics VNF1048F Datasheet HTML 36Page - STMicroelectronics VNF1048F Datasheet HTML 37Page - STMicroelectronics VNF1048F Datasheet HTML 38Page - STMicroelectronics VNF1048F Datasheet HTML 39Page - STMicroelectronics VNF1048F Datasheet HTML 40Page - STMicroelectronics VNF1048F Datasheet HTML 41Page - STMicroelectronics VNF1048F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Bit
Default
Name
Description
Access
10: END: Self-test completed successfully (consistent data available on
dedicated registers)
11: ABORT: Self-test aborted (watchdog timeout, HWLO, S_T_STOP
when not required)
0
Parity Bit
ODD Parity Bit Check
Table 43. SR#6: Status Register 6; Address 16h (ID 14.6)
Bit
Default
Name
Description
Access
23 ÷ 15
unused
14
0
UPDT_S_T_STUCK
Updated status bit. This bit is set when value is updated and
cleared when register is read.
R/C
13
0
S_T_VDS _MAX2
This bit is set if VDS_THR is reached during STUCK ON self-test.
R/C
12 ÷ 3 0000000000
S_T_STUCK
10 bit ADC conversion of the VDS, performed during STUCK ON
self-test
R/C
2 ÷ 1
00
S_T_STUCK_STATUS
Status of STUCK _ON self-test
00: IDLE: Self-test not started
01: RUN: Self-test execution in progress
10: END: Self-test completed successfully (consistent data available
on dedicated registers)
11: ABORT: Self-test aborted (watchdog timeout, HWLO,
S_T_STOP when not required)
R/C
0
Parity Bit
ODD Parity Bit Check
Table 44. SR#7: Status Register 7; Address 17h (ID 14.7)
Bit
Default
Name
Description
Access
23 ÷ 15
unused
14
0
S_T_HSHT
This bit is set if HSHT_THR is reached during CURRENT SENSE
self-test.
R/C
13
0
S_T_OVC
This bit is set if OVC_THR is reached during CURRENT SENSE
self-test.
R/C
12 ÷ 3 0000000000
S_T_CURR
Difference between 10 bit ADC conversion of the CURRENT
SENSE, performed during CURRENT SENSE self-test and content
of HSHT_SAR register latched during self-test execution.
R/C
2 ÷ 1
00
S_T_CURR_STATUS
Status of CURRENT SENSE self-test
00: IDLE: Self-test not started
01: RUN: Self-test execution in progress
10: END: Self-test completed successfully (consistent data available
on dedicated registers)
11: ABORT: Self-test aborted (watchdog timeout, HWLO, S_T_STOP
when not required)
R/C
0
Parity Bit
ODD Parity Bit Check
Table 45. SR#8: Status Register 8; Address 18h (ID 14.8)
Bit
Default
Name
Description
Access
23 ÷ 12
unused
VNF1048F
Status registers
DS13084 - Rev 6
page 38/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com