Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 2 Page - STMicroelectronics

  VNF1048F Datasheet HTML 1Page - STMicroelectronics VNF1048F Datasheet HTML 2Page - STMicroelectronics VNF1048F Datasheet HTML 3Page - STMicroelectronics VNF1048F Datasheet HTML 4Page - STMicroelectronics VNF1048F Datasheet HTML 5Page - STMicroelectronics VNF1048F Datasheet HTML 6Page - STMicroelectronics VNF1048F Datasheet HTML 7Page - STMicroelectronics VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Gate Driver HS
ADC's
Charge Pump
VDS detection
Logic
VS
NTC_M
GND
CP
NTC
ST-SPI
VSPI
DIAG
HWLO
VCP
VCP
TJ
V3V3
CP2P
CP2M
CP1P
CP1M
CSN
SCK
VNTClevel
shifter
ADC's
Current Sense
Amplifier with
P-channel
Bypass
ISNS_P
ISNS_N
HS_GATE
OUT
Internal
LDO
SDI
SDO
with ADC
Figure 2. Configuration diagram (top view)
25
26
27
28
29
30
31
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
32
9
10
11
12
13
14
15
16
VSPI
SDI
CSN
SDO
SCK
DIAG
TEST1
ISNS_P
ISNS_N
NTC
NTC_M
HS_GATE
OUT
TEST2
NC
NC
Note:
TAB connection must be to ground. TAB is not intended as device reference ground (dedicated pin shall be
used).
VNF1048F
Block diagram and pin description
DS13084 - Rev 6
page 2/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com