Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 50 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 44Page - STMicroelectronics VNF1048F Datasheet HTML 45Page - STMicroelectronics VNF1048F Datasheet HTML 46Page - STMicroelectronics VNF1048F Datasheet HTML 47Page - STMicroelectronics VNF1048F Datasheet HTML 48Page - STMicroelectronics VNF1048F Datasheet HTML 49Page - STMicroelectronics VNF1048F Datasheet HTML 50Page - STMicroelectronics VNF1048F Datasheet HTML 51Page - STMicroelectronics VNF1048F Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
List of tables
Table 1.
Pin functions ....................................................................... 3
Table 2.
Absolute maximum rating .............................................................. 4
Table 3.
Thermal data....................................................................... 5
Table 4.
Supply specification .................................................................. 6
Table 5.
SPI logic inputs (CSN, SCK and SDI) specification ............................................. 7
Table 6.
SPI logic outputs (SDO) Specification ...................................................... 7
Table 7.
HWLO logic input pin specification ........................................................ 7
Table 8.
DIAG logic output pin specification ........................................................ 7
Table 9.
Device Thermal shutdown.............................................................. 7
Table 10.
ST-SPI Specification: Timings ........................................................... 8
Table 11.
Charge Pump Specification ............................................................. 8
Table 12.
External FET Gate Driver Specification ..................................................... 8
Table 13.
Current sense amplifier with integrated ADC ................................................. 9
Table 14.
External FET VDS Protection ........................................................... 9
Table 15.
Hard Short Circuit protection ........................................................... 10
Table 16.
Overcurrent protection ............................................................... 11
Table 17.
External FET Thermal Shutdown via NTC input .............................................. 12
Table 18.
Bypass switch ..................................................................... 14
Table 19.
VOUT A-to-D Conversion .............................................................. 14
Table 20.
Command byte .................................................................... 26
Table 21.
Input data byte 1 ................................................................... 26
Table 22.
Input data byte 2 ................................................................... 26
Table 23.
Input data byte 3 ................................................................... 26
Table 24.
Global status byte .................................................................. 26
Table 25.
Output data byte 1 .................................................................. 26
Table 26.
Output data byte 2 .................................................................. 27
Table 27.
Output data byte 3 .................................................................. 27
Table 28.
Operating codes ................................................................... 27
Table 29.
0xFF: (SW_Reset) .................................................................. 29
Table 30.
Clear all status registers (RAM access).................................................... 30
Table 31.
Global status byte .................................................................. 30
Table 32.
Global status byte - bit description ....................................................... 30
Table 33.
RAM memory map (ID 12.1) ........................................................... 31
Table 34.
ROM Memory Map (ID 12.2) ........................................................... 32
Table 35.
CR#1: Control Register 1 (read/write); Address 01h (ID 13.1) .................................... 33
Table 36.
CR#2: Control Register 2 (read/write); Address 02h (ID 13.20).................................... 34
Table 37.
CR#3: Control Register 3 (read/write); Address 03h (ID 13.3) .................................... 34
Table 38.
SR#1: Status Register 1; Address 11h (ID 14.1) .............................................. 35
Table 39.
SR#2: Status Register 2; Address 12h (ID 14.2).............................................. 37
Table 40.
SR#3: Status Register 3; Address 13h (ID 14.3).............................................. 37
Table 41.
SR#4: Status Register 4; Address 14h (ID 14.4).............................................. 37
Table 42.
SR#5: Status Register 5; Address 15h (ID 14.5).............................................. 37
Table 43.
SR#6: Status Register 6; Address 16h (ID 14.6).............................................. 38
Table 44.
SR#7: Status Register 7; Address 17h (ID 14.7).............................................. 38
Table 45.
SR#8: Status Register 8; Address 18h (ID 14.8).............................................. 38
Table 46.
QFN32L 5x5 mechanical data .......................................................... 45
Table 47.
Tolerance of form and position .......................................................... 45
Table 48.
Document revision history ............................................................. 46
VNF1048F
List of tables
DS13084 - Rev 6
page 50/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com