Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 18 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 14Page - STMicroelectronics VNF1048F Datasheet HTML 15Page - STMicroelectronics VNF1048F Datasheet HTML 16Page - STMicroelectronics VNF1048F Datasheet HTML 17Page - STMicroelectronics VNF1048F Datasheet HTML 18Page - STMicroelectronics VNF1048F Datasheet HTML 19Page - STMicroelectronics VNF1048F Datasheet HTML 20Page - STMicroelectronics VNF1048F Datasheet HTML 21Page - STMicroelectronics VNF1048F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Figure 6. Current sense self test flow sequence
4.2
External FET VDS Detection Self Test
The goal of the external FET VDS Detection Self Test is to verify the proper behavior of the complete VDS monitor
chain (sense/process/detection), from the analog input to the digital output.
Starting from the Unlocked State, the VDS Detection Self Test is activated through a dedicated SPI frame. The
duration of this test is around 10 μs; the first 5 μs are intended to convert the value of the voltage across
Drain and Source terminals of external FET, remaining 5 µs are required to bring back analog circuitry to normal
configuration.
Once the Self Test is started, an internal current generator provides a current sink able to produce an additional
voltage offset of 100 mV on VDS monitor circuit inputs, to distinguish Self Test execution from normal operation. In
order to guarantee proper data conversions, special care must be taken to avoid VDS ADC saturation by keeping
the overall VDS sensed by monitor circuit below maximum scale range (1.87 V).
VNF1048F
External FET VDS Detection Self Test
DS13084 - Rev 6
page 18/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com