Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 4Page - STMicroelectronics VNF1048F Datasheet HTML 5Page - STMicroelectronics VNF1048F Datasheet HTML 6Page - STMicroelectronics VNF1048F Datasheet HTML 7Page - STMicroelectronics VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics VNF1048F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ID
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
2.21 TJ_ADC_CONV
Junction Temperature ADC full scale range
resolution
TJ_ADC[9:0] = (TJ + 72) *
3
0
1023
2.22 TJ_ADC_RATE Junction Temperature ADC sample rate
10
kSamples/s
Table 10. ST-SPI Specification: Timings
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
3.1
fC
SPI Clock frequency
8
MHz
3.2
tWHCH
CSN low timeout
VSPI = 3.3 V,
ext RPROT < 1 kΩ
30
70
ms
3.3
tWDTB
Watchdog toggle bit timeout.
WD_TIME Configuration:
- 10 %
+ 10 %
ms
00
50
01
100
10
150
11
200
3.4 tSTBY_OUT
Minimum time during which CSN must be toggled low to go
out of STDBY mode
20
100
µs
Table 11. Charge Pump Specification
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
4.1
VCP_6V
Charge Pump output voltage
VS = 6V
VS + 7
VS + 11
V
4.2
VCP_10V
Charge Pump output voltage
VS > 10 V
VS + 13.5 VS + 14.5 VS + 15.5
V
4.5
VCP_LOW_H
Charge Pump output under voltage high
threshold
Ramp up on VCP
VS + 5.5
VS + 6
VS + 6.5
V
VCP_LOW_L
Charge Pump output under voltage low
threshold
Ramp down on VCP VS + 5.1
VS + 5.6
VS + 6.2
V
VCP_LOW_hyst
Charge Pump output under voltage
hysteresis
0.4
V
4.6
fCP
Charge Pump frequency
- 5 %
400
+ 5 %
kHz
4.7
tCP_RISE
Charge Pump low (CP_LOW diagnostic)
rising edge filtering time
- 5 %
60
+ 5 %
µs
4.8
tCP_FALL
Charge Pump low (CP_LOW diagnostic)
falling edge filtering time
- 10 %
2.3
+ 10 %
µs
Table 12. External FET Gate Driver Specification
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
5.1
VGSON_6V
Gate-On Voltage
VS = 6 V, IG = 50 µA
6
V
5.2
VGSON_10V
Gate-On Voltage
VS > 10 V, IG = 50 µA
12
15
V
5.4
VGSOFF
Gate-Off Voltage
0.5
V
5.5
VGSMAX
Maximum Gate Voltage
(internally limited)
20
V
5.6
tON
Gate turn on
VGS = 0.5 V to VGS = 10 V
4
µs
VNF1048F
Main electrical characteristics
DS13084 - Rev 6
page 8/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com