Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9LPRS477C Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
4
General Description
Block Diagram
The 9LPRS477C is a main clock synthesizer chip that provides all clocks required for ATI RD7xx-based
systems.using AMD processors. An SMBus interface allows full control of the device.
REF
CPUKG(1:0)
OSC
14.318MHz
SS
PLL
SB_SRC
(-0.5% DWN SP)
800MHz
SB_SRC(1:0)
100MHz
HTT 100MHz
48MHz_(1:0)
X1
X2
Fixed PLL4
EXACT 48MHz
200MHz
HTT_100C/66
100MHz
SRC6/SATA
HTT 66MHz
ATIG ZDB PLL
SEL_HTT66
SEL_SATA
HTT_100T/66
ATIG(3:0)
SS PLL
SRC(5:0)
SRC ZDB PLL
400 to 900 MHz
PWD @
600MHz/6
SS
PLL
SB_SRC/SRC
PD#
SEL_SATA
SMBCLK
SMBDAT
RESTORE#
Control
Logic
SEL_HTT66
MODE
SEL_DOC
SEL_OC_MODE
Power Groups
VDD
GND
64
3
USB_48 outputs
11, 16
10, 17
SRC differential outputs
25
24
SB_SRC differential outputs
39
42
SRC/SATA differential output
34
28,33
ATIG differential outputs
44
43
Analog, PLL
48
47
CPUKG differential outputs
56
53
HTTCLK output
60
61
REF outputs
Pin Num ber
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com