Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
11
SMBus Table: ATIG Frequency Select Register
Byte
5
Name
Control Function
Type
0
1
Default
Bit 7
ATIG PLL TBEN
ATIG PLL Turbo Enable
RW
Disable
Enable
0
Bit 6
CPU PLL TBEN
CPU PLL Turbo Enable
RW
Disable
Enable
0
Bit 5
SRC PLL TBEN
SRC PLL Turbo Enable
RW
Disable
Enable
0
Bit 4
DISABLE_ORT
Disable O vershoot R eduction
T echnology during CPU PLL M/N
Programming
RW
ENABLE ORT
DISABLE ORT
0
Bit 3
ATIG_FS3
ATIG Frequency Select
RW
1
Bit 2
ATIG_FS2
ATIG Frequency Select
RW
1
Bit 1
ATIG_FS1
ATIG Frequency Select
RW
1
Bit 0
ATIG_FS0
ATIG Frequency Select LSB
RW
1
SMBus Table: SB_SRC Frequency Select Register
Byte
6
Name
Control Function
Type
0
1
Default
Bit 7
ATIG SSEN
ATIG Spread Enable
RW
Disable
Enable
0
Bit 6
SB_SRC/CPU SSEN
SB_SRC/CPU Spread Enable
RW
Disable
Enable
0
Bit 5
SRC SSEN
SRC Spread Enable
RW
Disable
Enable
0
Bit 4
SB_SRC_FS4
SB_SRC Frequency Select MSB
RW
0
Bit 3
SB_SRC_FS3
SB_SRC Frequency Select
RW
1
Bit 2
SB_SRC_FS2
SB_SRC Frequency Select
RW
1
Bit 1
SB_SRC_FS1
SB_SRC Frequency Select
RW
1
Bit 0
SB_SRC_FS0
SB_SRC Frequency Select LSB
RW
1
SMBus Table: Device ID register
Byte
7
Name
Control Function
Type
0
1
Default
Bit 7
Device ID7
R
x
Bit 6
Device ID6
R
x
Bit 5
Device ID5
R
x
Bit 4
Device ID4
R
x
Bit 3
Device ID3
R
x
Bit 2
Device ID2
R
x
Bit 1
Device ID1
R
x
Bit 0
Device ID0
R
x
SMBus Table: Vendor & Revision ID Register
Byte
8
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
1
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: WatchDog Timer Control Register
Byte
9
Name
Control Function
Type
0
1
Default
Bit 7
HWD_EN
Watchdog Hard Alarm Enable
RW
Disable and Reload Hartd
Alarm Timer, Clear WD Hard
status bit.
Enable Timer
0
Bit 6
SWD_EN
Watchdog Soft Alarm Enable
RW
Disable
Enable
0
Bit 5
WD Hard Status
WD Hard Alarm Status
R
Normal
Alarm
X
Bit 4
WD Soft Status
WD Soft Alarm Status
R
Normal
Alarm
X
Bit 3
WDTCtrl
Watch Dog Alarm Time base
Control
RW
290ms Base
1160ms Base
0
Bit 2
HWD2
WD Hard Alarm Timer Bit 2
RW
1
Bit 1
HWD1
WD Hard Alarm Timer Bit 1
RW
1
Bit 0
HWD0
WD Hard Alarm Timer Bit 0
RW
1
VENDOR ID
REVISION ID
See ATIG Frequency Select Table
These bits represent the number of Watch Dog Time Base Units
that pass before the Watch Alarm expires. Default is 7 X
290ms = 2s.
Device ID
75 hex for 9LPRS477
See SB_SRC Frequency Select Table
Note: SB_SRC and CPU Clocks are synchronous. Changing this
frequency w ill alter the SB_SRC and CPU frequency by the
same percentage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com