Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
15
SMBUS Table: ATIG Output Divider Control Register
Byte
28
Name
Control Function
Type
0
1
Default
Bit 7
ATIG NDiv0
LSB N Divider Programming
RW
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
ATIGDiv3
RW
0000:/2 ; 0100:/4
1000:/8 ; 1100:/16
X
Bit 2
ATIGDiv2
RW
0001:/3 ; 0101:/6
1001:/12 ; 1101:/24
X
Bit 1
ATIGDiv1
RW
0010:/5 ; 0110:/10
1010:/20 ; 1110:/40
X
Bit 0
ATIGDiv0
RW
0011:/9 ; 0111:/18
1011:/36 ; 1111:/72
X
SMBUS Table: SB_SRC Frequency Control Register
Byte
29
Name
Control Function
Type
0
1
Default
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
SMBUS Table: SB_SRC Frequency Control Register
Byte
30
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: SB_SRC Output Divider Control Register
Byte
31
Name
Control Function
Type
0
1
Default
Bit 7
SB_SRC NDiv0
LSB N Divider Programming
RW
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
SB_SRCDiv3
RW
0000:/2 ; 0100:/4
1000:/8 ; 1100:/16
X
Bit 2
SB_SRCDiv2
RW
0001:/3 ; 0101:/6
1001:/12 ; 1101:/24
X
Bit 1
SB_SRCDiv1
RW
0010:/5 ; 0110:/10
1010:/20 ; 1110:/40
X
Bit 0
SB_SRCDiv0
RW
0011:/9 ; 0111:/18
1011:/36 ; 1111:/72
X
SMBUS Table: CPU PLL DOC 1 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 01)
Byte
32
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: CPU PLL DOC 2 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 10)
Byte
33
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
The decimal representation of M and N Divider in Byte 16 and 33
w ill configure the VCO frequency. Default at pow er up = Byte
3 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
The decimal representation of M and N Divider in Byte 16 and 32
w ill configure the VCO frequency. Default at pow er up = Byte
3 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
SB_SRC Divider Ratio Programming
Bits
Reserved
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
Reserved
Reserved
M Divider Programming
bit (5:0)
Reserved
The decimal representation of M and N Divider in Byte 29 and 30
w ill configure the VCO frequency. Default at pow er up = Byte
6 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
Reserved
ATIG Divider Ratio Programming
Bits
N Divider LSB (bit 0) for ATIG M/N programming.
The decimal representation of M and N Divider in Byte 29 and 30
w ill configure the VCO frequency. Default at pow er up = Byte
6 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
Reserved
N Divider LSB (bit 0) for SRC M/N programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com