Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9LPRS477C Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
5
Table1: CPU and HTT Frequency Selection Table
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
FS4
CPU
FS3
CPU
FS2
CPU
FS1
CPU
FS0
SEL_HTT66 = 1
SEL_HTT66 = 0
0
0000
200.00
66.67
100.00
0%
0
0001
205.00
68.33
102.50
2%
0
0010
210.00
70.00
105.00
5%
0
0011
215.00
71.67
107.50
8%
0
0100
220.00
73.33
110.00
10%
0
0101
225.00
75.00
112.50
13%
0
0110
230.00
76.67
115.00
15%
0
0111
235.00
78.33
117.50
18%
0
1000
240.00
80.00
120.00
20%
0
1001
245.00
81.67
122.50
23%
0
1010
250.00
83.33
125.00
25%
0
1011
255.00
85.00
127.50
28%
0
1100
260.00
86.67
130.00
30%
0
1101
265.00
88.33
132.50
33%
0
1110
270.00
90.00
135.00
35%
0
1111
200.00
66.67
100.00
0%
1
0000
280.00
93.33
140.00
40%
1
0001
285.00
95.00
142.50
43%
1
0010
290.00
96.67
145.00
45%
1
0011
295.00
98.33
147.50
48%
1
0100
300.00
100.00
150.00
50%
1
0101
305.00
101.67
152.50
53%
1
0110
310.00
103.33
155.00
55%
1
0111
315.00
105.00
157.50
58%
1
1000
320.00
106.67
160.00
60%
1
1001
325.00
108.33
162.50
63%
1
1010
330.00
110.00
165.00
65%
1
1011
335.00
111.67
167.50
68%
1
1100
340.00
113.33
170.00
70%
1
1101
345.00
115.00
172.50
73%
1
1110
350.00
116.67
175.00
75%
1
1111
355.00
118.33
177.50
78%
Byte 3
HTT
Single-
HTT
Differential
CPU
(MHz)
Spread
%
(B6b6=1
and
B3b5=1)
CPU
OverClock %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com