Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
10
SMBus Table: Latched Input Readback Output Enable Control Register
Byte
0
Name
Description
Type
0
1
Default
Bit 7
SEL_HTT66 readback
Hypertransport Select
R
100MHz Differential HTT clock
66 MHz 3.3V Single-ended HTT
clock
Latch
Bit 6
SEL_SATA readback
SATA Select
R
SRC6/SATA pair is SRC SS
capable output
SRC6/SATA pair is SATA non-
spread output
Latch
Bit 5
REF0_OE
Output Enable
RW
Hi-Z
Enabled
1
Bit 4
REF1_OE
Output Enable
RW
Hi-Z
Enabled
1
Bit 3
REF2_OE
Output Enable
RW
Hi-Z
Enabled
1
Bit 2
48MHz_1_OE
Output Enable
RW
Low
Enabled
1
Bit 1
48MHz_0_OE
Output Enable
RW
Low
Enabled
1
Bit 0
SEL_CPU1 readback
CPU1/SRC7 Select
R
CPU1 Differential output
SRC7 Differential output
Latch
SMBus Table:Output Enable Control Register
Byte
1
Name
Control Function
Type
0
1
Default
Bit 7
SEL_DOC readback
DOC Select
R
SRC5 Differential output
DOC
Latch
Bit 6
SRC6/SATA_OE Enable
Output Enable
RW
Low /Low
Enabled
1
Bit 5
SRC5_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 4
SRC4_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 3
SRC3_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 2
SRC2_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 1
SRC1_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 0
SRC0_OE
Output Enable
RW
Low /Low
Enabled
1
SMBus Table: Output Enable and 48MHz Strength Control Register
Byte
2
Name
Control Function
Type
0
1
Default
Bit 7
SB_SRC1_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 6
SB_SRC0_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 5
ATIG3_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 4
ATIG2_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 3
ATIG1_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 2
ATIG0_OE
Output Enable
RW
Low /Low
Enabled
1
Bit 1
48MHz_1_Strength
48MHz_1 Drive Strength Sel.
RW
1 Load
2 Load
1
Bit 0
48MHz_0_Strength
48MHz_0 Drive Strength Sel.
RW
1 Load
2 Load
1
SMBus Table: CPU/HTT Frequency Control Register
Byte
3
Name
Control Function
Type
0
1
Default
Bit 7
CPU1_OE/SRC7_OE
Output enable
RW
Low /Low
Enable
1
Bit 6
CPU0_OE
Output enable
RW
Low /Low
Enable
1
Bit 5
CPU Spread Source
CPU Spread Source
RW
Fix PLL
SB_SRC PLL
1
Bit 4
CPU_FS4
CPU Frequency Select MSB
RW
0
Bit 3
CPU_FS3
CPU Frequency Select
RW
1
Bit 2
CPU_FS2
CPU Frequency Select
RW
1
Bit 1
CPU_FS1
CPU Frequency Select
RW
1
Bit 0
CPU_FS0
CPU Frequency Select LSB
RW
1
SMBus Table: SRC Frequency Control Register
Byte
4
Name
Control Function
Type
0
1
Default
Bit 7
REF0_Strength
REF0_Drive Strength Sel
RW
1 Load
2 Load
1
Bit 6
REF1_Strength
REF1_Drive Strength Sel
RW
1 Load
2 Load
1
Bit 5
REF2_Strength
REF2_Drive Strength Sel
RW
1 Load
2 Load
1
Bit 4
0
Bit 3
SRC_FS3
SRC Frequency Select
RW
1
Bit 2
SRC_FS2
SRC Frequency Select
RW
1
Bit 1
SRC_FS1
SRC Frequency Select
RW
1
Bit 0
SRC_FS0
SRC Frequency Select LSB
RW
1
See CPU Frequency Select Table
Default value corresponds to 200MHz.
Note that Selected HTT frequency tracks the CPU frequency.
Reserved
See SRC Frequency Select Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com