Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
7
Table3: ATIG Frequency Selection Table
Bit3
Bit2
Bit1
Bit0
OC
Latch
ATIG
FS3
ATIG
FS2
ATIG
FS1
ATIG
FS0
0
0000
100.00
0%
0
0001
101.00
1%
0
0010
102.00
2%
0
0011
103.00
3%
0
0100
104.00
4%
0
0101
105.00
5%
0
0110
106.00
6%
0
0111
107.00
7%
0
1000
108.00
8%
0
1001
109.00
9%
0
1010
110.00
10%
0
1011
111.00
11%
0
1100
112.00
12%
0
1101
113.00
13%
0
1110
114.00
14%
0
1111
100.00
OFF
0%
1
0000
100.00
0%
1
0001
101.00
1%
1
0010
102.00
2%
1
0011
103.00
3%
1
0100
104.00
4%
1
0101
105.00
5%
1
0110
106.00
6%
1
0111
107.00
7%
1
1000
108.00
8%
1
1001
109.00
9%
1
1010
110.00
10%
1
1011
111.00
11%
1
1100
112.00
12%
1
1101
113.00
13%
1
1110
114.00
14%
1
1111
100.00
OFF
0%
ATIG(3:0)
(MHz)
B12b3
Byte 5
Spread
%
(B6b7=1)
ATIG
OverClock %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com