Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9LPRS477C Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
2
VFQFPN Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
**SEL_DOC/48MHz_1
I/O
SEl_DOC: latched input to select pin functionality
1 = DOC input.
0 = SRCCLK5
/ 48MHz clock output.
2
**SEL_CPU1#/48MHz_0
I/O
SEL_CPU1 latched input to select pin functionality
1 = SRCCLK7
0 = CPUKG1
/ 48MHz clock output.
3
GND48
GND
Ground pin for the 48MHz outputs
4
SMBCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
5
SMBDAT
I/O
Data pin for SMBus circuitry, 5V tolerant.
6
**DOC_0/SRC5C_LPRS
OUT
Dynamic Over Clocking pin: real time frequency selection 0: Normal; 1: Frequency will transition to a
preprogrammed value in the I2c.
/ Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed
7
**DOC_1/SRC5T_LPRS
OUT
Dynamic Over Clocking pin: real time frequency selection 0: Normal; 1: Frequency will transition to a
preprogrammed value in the I2c.
/ True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed
8
SRC4C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
9
SRC4T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm series
resistor needed
10
GNDSRC
GND
Ground pin for the SRC outputs
11
VDDSRC
PWR
Supply for SRC core, 3.3V nominal
12
SRC3C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
13
SRC3T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm series
resistor needed
14
SRC2C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
15
SRC2T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm series
resistor needed
16
VDDSRC
PWR
Supply for SRC core, 3.3V nominal
17
GNDSRC
GND
Ground pin for the SRC outputs
18
SRC1C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
19
SRC1T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm series
resistor needed
20
SRC0C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
21
SRC0T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm series
resistor needed
22
SB_SRC1C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
23
SB_SRC1T_LPRS
OUT
True clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
24
GNDSB_SRC
GND
Ground pin for the SB_SRC outputs
25
VDDSB_SRC
PWR
Supply for SRC core, 3.3V nominal
26
SB_SRC0C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
27
SB_SRC0T_LPRS
OUT
True clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
28
GNDATIG
GND
Ground pin for the ATIG outputs
29
ATIG3C_LPRS
OUT
Complementary clock of low-power differential push-pull PCI-Express pair with integrated series resistor.
(no 50ohm shunt resistor to GND and no 33 ohm series resistor needed)
30
ATIG3T_LPRS
OUT
True clock of low-power differential push-pull PCI-Express pair with integrated series resistor. (no 50ohm
shunt resistor to GND and no 33 ohm series resistor needed)
31
ATIG2C_LPRS
OUT
Complementary clock of low-power differential push-pull PCI-Express pair with integrated series resistor.
(no 50ohm shunt resistor to GND and no 33 ohm series resistor needed)
32
ATIG2T_LPRS
OUT
True clock of low-power differential push-pull PCI-Express pair with integrated series resistor. (no 50ohm
shunt resistor to GND and no 33 ohm series resistor needed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com