Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
16
SMBUS Table: CPU PLL DOC 3 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 11)
Byte
34
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: ATIG PLL DOC 1 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 01)
Byte
35
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: ATIG PLL DOC 2 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 10)
Byte
36
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: ATIG PLL DOC 3 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 11)
Byte
37
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: SRC PLL DOC 1 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 01)
Byte
38
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: SRC PLL DOC 2 N programming Register (1 pin control : DOC = 1; 2 pin control : DOC [0:1] = 10)
Byte
39
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
The decimal representation of M and N Divider in Byte 21 and 38
w ill configure the VCO frequency. Default at pow er up = Byte
4 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
The decimal representation of M and N Divider in Byte 21 and 39
w ill configure the VCO frequency. Default at pow er up = Byte
4 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
The decimal representation of M and N Divider in Byte 16 and 34
w ill configure the VCO frequency. Default at pow er up = Byte
3 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
The decimal representation of M and N Divider in Byte 26 and 35
w ill configure the VCO frequency. Default at pow er up = Byte
5 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
The decimal representation of M and N Divider in Byte 26 and 36
w ill configure the VCO frequency. Default at pow er up = Byte
5 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
The decimal representation of M and N Divider in Byte 26 and 37
w ill configure the VCO frequency. Default at pow er up = Byte
5 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)
N Divider Programming Byte20
bit(7:0) and Byte19 bit(7:6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com