Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
19
AC Electrical Characteristics - Low-Power DIF Outputs: CPUKG and HTT
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Crossing Point Variation
∆V
CROSS
Single-ended Measurement
140
mV
1,2,5
Frequency
f
Spread Specturm On
198.8
200
MHz
1,3
Long Term Accuracy
ppm
Spread Specturm Off
-300
+300
ppm
1,11
Rising Edge Slew Rate
S
RISE
Differential Measurement
0.5
10
V/ns
1,4
Falling Edge Slew Rate
S
FALL
Differential Measurement
0.5
10
V/ns
1,4
Slew Rate Variation
t
SLVAR
Single-ended Measurement
20
%
1
CPU, DIF HTT
Jitter - Cycle to Cycle
CPUJ
C2C
Differential Measurement
150
ps
1,6
Accumulated Jitter
t
JACC
See Notes
1
ns
1,7
Peak to Peak Differential
Voltage
V
D(PK-PK)
Differential Measurement
400
2400
mV
1,8
Differential Voltage
V
D
Differential Measurement
200
1200
mV
1,9
Duty Cycle
D
CYC
Differential Measurement
45
55
%
1
Amplitude Variation
∆V
D
Change in V
D DC cycle to cycle
-75
75
mV
1,10
CPU[1:0] Skew
CPU
SKEW10
Differential Measurement
100
ps
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, CL = 2pF w ith Rs = 0Ω (unless otherw ise specified)
1Guaranteed by design and characterization, not 100% tested in production.
3Minimum Frequency is a result of 0.5% dow n spread spectrum
6 Max difference of t
CYCLE betw een any tw o adjacent cycles.
8 VD(PK-PK) is the overall magnitude of the differential signal.
11 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
10 The difference in magnitude of tw o adjacent VD_DC measurements. VD_DC is the stable post overshoot and ring-back part of the
signal.
2Single-ended measurement at crossing point. Value is maximum – minimum over all time. DC value of common mode is not important due
to the blocking cap.
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK and
falling edge of CLK#. It is measured using a +/-75mV w indow centered on the average cross point w here CLK meets CLK#.
4Differential measurement through the range of ±100 mV, differential signal must remain monotonic and w ithin slew rate spec w hen
crossing through this region.
9 VD(min) is the amplitude of the ring-back differential measurement, guaranteed by design, that ring-back w ill not cross 0V VD.
VD(max) is the largest amplitude allow ed.
7 Accumulated tjc.over a 10µs time period, measured w ith JIT2 TIE at 50ps interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com