Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
8
Table4: SB_SRC Frequency Selection Table
Bit4
Bit3
Bit2
Bit1
Bit0
SRC
FS4
SRC
FS3
SRC
FS2
SRC
FS1
SRC
FS0
0
0
0
0
0
85.00
-15%
0
0
0
0
1
86.00
-14%
0
0
0
1
0
87.00
-13%
0
0
0
1
1
88.00
-12%
0
0
1
0
0
89.00
-11%
0
0
1
0
1
90.00
-10%
0
0
1
1
0
91.00
-9%
0
0
1
1
1
92.00
-8%
0
1
0
0
0
93.00
-7%
0
1
0
0
1
94.00
-6%
0
1
0
1
0
95.00
-5%
0
1
0
1
1
96.00
-4%
0
1
1
0
0
97.00
-3%
0
1
1
0
1
98.00
-2%
0
1
1
1
0
99.00
-1%
0
1
1
1
1
100.00
OFF
0%
1
0
0
0
0
100.00
0%
1
0
0
0
1
101.00
1%
1
0
0
1
0
102.00
2%
1
0
0
1
1
103.00
3%
1
0
1
0
0
104.00
4%
1
0
1
0
1
105.00
5%
1
0
1
1
0
106.00
6%
1
0
1
1
1
107.00
7%
1
1
0
0
0
108.00
8%
1
1
0
0
1
109.00
9%
1
1
0
1
0
110.00
10%
1
1
0
1
1
111.00
11%
1
1
1
0
0
112.00
12%
1
1
1
0
1
113.00
13%
1
1
1
1
0
114.00
14%
1
1
1
1
1
115.00
15%
NOTE: All frequencies assume that the SB_SRC are at 0% Overclocking.
Spread
%
(B6b6=1)
SB_SRC
OverClock
%
SB_SRC
(1:0)
(MHz)
Byte 6
Table 5: IO_Vout select table
B12b2
B12b1
B12b0
IO_Vout
00
0
0.3V
00
1
0.4V
01
0
0.5V
01
1
0.6V
10
0
0.7V
10
1
0.8V
11
0
0.9V
11
1
1.0V
Bold Entry is Power up Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com