Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477C Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477C Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9LPRS477C Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477C Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
12
SMBus Table: WD Timer Safe Frequency Control Register
Byte
10
Name
Control Function
Type
0
1
Default
Bit 7
SWD2
WD Soft Alarm Timer Bit 2
RW
1
Bit 6
SWD1
WD Soft Alarm Timer Bit 1
RW
1
Bit 5
SWD0
WD Soft Alarm Timer Bit 0
RW
1
Bit 4
WD SF4
RW
0
Bit 3
WD SF3
RW
1
Bit 2
WD SF2
RW
1
Bit 1
WD SF1
RW
1
Bit 0
WD SF0
RW
1
SMBus Table: Byte Count Register
Byte
11
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
BC5
Byte Count bit 5 (MSB)
RW
0
Bit 4
BC4
Byte Count bit 4
RW
0
Bit 3
BC3
Byte Count bit 3
RW
1
Bit 2
BC2
Byte Count bit 2
RW
1
Bit 1
BC1
Byte Count bit 1
RW
1
Bit 0
BC0
Byte Count bit 0 (LSB)
RW
1
SMBus Table: M/N Programming Enable and I/O Vout Control Register
Byte
12
Name
Control Function
Type
0
1
Default
Bit 7
CPU M/N En
CPU PLL M/N Prog. Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 6
SRC M/N En
SRC M/N Prog.Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 5
ATIG M/N En
ATIG M/N Prog. Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 4
SB_SRC M/N En
SB_SRC M/N Prog. Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 3
SEL_OC_MODE readback
OC MODE Select
R
PCIE Gen2 Mode
PCIE Gen1 Mode
Latch
Bit 2
IO_VOUT2
IO Output Voltage Select (Most
Significant Bit)
RW
1
Bit 1
IO_VOUT1
IO Output Voltage Select
RW
0
Bit 0
IO_VOUT0
IO Output Voltage Select (Least
Significant Bit)
RW
1
Bytes 13/14 are reserved
SMBus Table:Test Mode Register
Byte
15
Name
Control Function
Type
0
1
Default
Bit 7
Test_Sel
Selects Test Mode
RW
Normal mode
All ouputs are REF/N
0
Bit 6
SB_SRC Source
SB_SRC Source Selection
RW
SB_SRC PLL
SRC PLL
1
Bit 5
ATIG PLL
ATIG PLL DOC pin control
RW
DOC0
DOC1
0
Bit 4
CPU PLL
CPU PLL DOC pin control
RW
DOC0
DOC1
0
Bit 3
SRC PLL
SRC PLL DOC pin control
RW
DOC0
DOC1
0
Bit 2
ATIG PLL
ATIG PLL DOC0 2 pin control
RW
Disable
Enable
0
Bit 1
CPU PLL
CPU PLL DOC0 2 pin control
RW
Disable
Enable
0
Bit 0
SRC PLL
SRC PLL DOC0 2 pin control
RW
Disable
Enable
0
SMBus Table: CPU PLL Frequency Control Register
Byte
16
Name
Control Function
Type
0
1
Default
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
Watch Dog Safe Freq Programming
bits
M Divider Programming bits
The decimal representation of M and N Divider in Byte 16 and 17
w ill configure the VCO frequency. Default at pow er up = Byte
3 Rom table. See M/N Caculation Tables for VCO frequency
formulas.
Determines the number of bytes that are read back from the
device. Default is 0F hex.
These bits represent the number of Watch Dog Time Base Units
that pass before the Watch Alarm expires. Default is 7 X
290ms = 2s.
Reserved
These bits configure the safe frequency that the device
returns to if the Watchdog Timer expires. The value show here
corresponds to the pow er up default of the device. See the
various Frequency Select Tables for the exact frequencies.
See Table 5: V_IO Selection
(Default is 0.8V)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com