Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 13Page - STMicroelectronics L6983I Datasheet HTML 14Page - STMicroelectronics L6983I Datasheet HTML 15Page - STMicroelectronics L6983I Datasheet HTML 16Page - STMicroelectronics L6983I Datasheet HTML 17Page - STMicroelectronics L6983I Datasheet HTML 18Page - STMicroelectronics L6983I Datasheet HTML 19Page - STMicroelectronics L6983I Datasheet HTML 20Page - STMicroelectronics L6983I Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
6
Iso-buck performances
All results shown in this section come from measurements performed using the reference schematic depicted in
Figure 16.
Figure 16. Reference schematic for measurements of line and load regulation and efficiency
VIN
VIN
VINLDO
EN/CLKIN
FSW
VCC
AGND
AGND
PGOOD
BOOT
SW
SW
VBIAS
FB
PGND
PGND
EP
VIN
GND
GND
VOUT_prim
VOUT_iso
GND_iso
L6983I
CIN
CLDO
RLDO
RFSW1
CVCC
CB
RFB1
RFB2
D
CSEC
COUT
10μF
1μF
0Ω
1μF
0Ω
100nF
3x22μF
10μF
360kΩ
75kΩ
6.1
Output voltage line regulation
Primary output line regulation
The regulator features an enhanced primary line regulation due to the peak current mode architecture. Figure 17
shows the negligible output voltage variation (normalized to the value measured at VIN = 12 V) over an input
voltage range up to 32 V for L6983I with VOUT_prim = 5 V, at three different output currents (N = 6).
Figure 17. Primary output line regulation (VOUT_prim = 5 V, fSW = 400 kHz)
-0.20%
-0.15%
-0.10%
-0.05%
0.00%
0.05%
0.10%
0.15%
0.20%
8
12
16
20
24
28
32
Primary input voltage [V]
Iout_prim = 1 A
Iout_prim = 2 A
Iout_prim = 3 A
Secondary output line regulation
The secondary output line regulation is defined, similarly to the primary side, as the variation of secondary the
output voltage due to the input voltage change at a specific current. The secondary output line regulation is mainly
affected by the transformer and in particular by its leakage inductance.
Keeping constant the leakage inductance (that is, using the same transformer), a higher input voltage causes the
isolated output voltage to slightly increase, as shown in Figure 18.
L6983I
Iso-buck performances
DS14040 - Rev 1
page 17/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com