Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 17Page - STMicroelectronics L6983I Datasheet HTML 18Page - STMicroelectronics L6983I Datasheet HTML 19Page - STMicroelectronics L6983I Datasheet HTML 20Page - STMicroelectronics L6983I Datasheet HTML 21Page - STMicroelectronics L6983I Datasheet HTML 22Page - STMicroelectronics L6983I Datasheet HTML 23Page - STMicroelectronics L6983I Datasheet HTML 24Page - STMicroelectronics L6983I Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Figure 24. Primary output efficiency vs. switching frequency (VIN = 12 V, VOUT_prim = 5 V, secondary
isolated output (not loaded)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0,5
1
1,5
2
2,5
3
Primary output current [A]
fsw = 200 kHz
fsw = 400 kHz
fsw = 700 kHz
Secondary isolated output
Figure 25 shows the efficiency referred to the secondary isolated output at different input voltages, whose effect
on the efficiency is more evident at lower currents.
Figure 25. Secondary isolated output efficiency at different input voltages (VOUT_prim = 5 V, fSW = 400 kHz,
N = 6)
0%
20%
40%
60%
80%
100%
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Isolated output current [A]
Vin = 12 V
Vin = 18 V
Vin = 24 V
Figure 26 depicts the efficiency variation with the switching frequency. A lower switching frequency contributes
to a better efficiency by improving the load regulation (higher isolated output voltage, that is, higher power), in
addition to the obvious lower switching losses.
L6983I
Efficiency
DS14040 - Rev 1
page 21/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com