Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 19Page - STMicroelectronics L6983I Datasheet HTML 20Page - STMicroelectronics L6983I Datasheet HTML 21Page - STMicroelectronics L6983I Datasheet HTML 22Page - STMicroelectronics L6983I Datasheet HTML 23Page - STMicroelectronics L6983I Datasheet HTML 24Page - STMicroelectronics L6983I Datasheet HTML 25Page - STMicroelectronics L6983I Datasheet HTML 26Page - STMicroelectronics L6983I Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
7
Device protections
7.1
Overvoltage protection
The overvoltage is a second level protection, and it should never be triggered in normal operating conditions if the
system is properly dimensioned. In other words, the selection of the external power components and the dynamic
performance determined by the compensation network should guarantee an output voltage regulation within the
overvoltage threshold even during the worst-case scenario in terms of load transitions.
7.2
Overcurrent protection
Primary side
The current protection circuitry features a constant current protection, so the device limits the maximum peak
current (see Table 6. Electrical characteristics) in an overcurrent condition.
The L6983I device implements a pulse-by-pulse current sensing on both power elements (high-side and low-side
switches) for effective current protection over the duty cycle range. The high-side current sensing is called “peak”,
the low-side sensing “valley”.
The internal noise generated during the switching activity makes the current sensing circuitry ineffective
for a minimum conduction time of the power element. This time is called “masking time” (see section
Section 5.1.4 Minimum on-time) because the information from the analog circuitry is masked by the logic to
prevent an erroneous detection of the overcurrent event. Therefore, the peak current protection is disabled for
a masking time (typ. 390 ns) after the high-side switch is turned on. The masking time for the valley sensing
(TOFF_MIN, see Table 6. Electrical characteristics) is activated after the low-side switch is turned on. In other
words, the peak current protection can be ineffective at extremely low duty cycles, the valley current protection at
extremely high duty cycles.
The L6983I device assures an effective overcurrent protection sensing the current flowing in both power
elements. In case one of the two current sensing circuitries is ineffective because of the masking time, the device
is protected sensing the current on the opposite switch. Thus, the combination of the “peak” and “valley” current
limits (IPK and IVY respectively) assure the effectiveness of the overcurrent protection even in extreme duty cycle
conditions.
Figure 28. Effects of the peak and valley current protections on duty cycle and frequency
L6983I
Device protections
DS14040 - Rev 1
page 23/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com