Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 38Page - STMicroelectronics L6983I Datasheet HTML 39Page - STMicroelectronics L6983I Datasheet HTML 40Page - STMicroelectronics L6983I Datasheet HTML 41Page - STMicroelectronics L6983I Datasheet HTML 42Page - STMicroelectronics L6983I Datasheet HTML 43Page - STMicroelectronics L6983I Datasheet HTML 44Page - STMicroelectronics L6983I Datasheet HTML 45Page - STMicroelectronics L6983I Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Figure 48. RC snubber network
VIN
VIN
VINLDO
EN/CLKIN
FSW
VCC
AGND
AGND
PGOOD
BOOT
SW
SW
VBIAS
FB
PGND
PGND
EP
VIN
GND
GND
VOUT_prim
VOUT_iso
GND_iso
L6983I
CIN
CLDO
RLDO
RFSW1
CVCC
CB
RFB1
RFB2
D
CSEC
COUT
CS
RS
snubber network
Capacitance
The parasitic capacitance of a real transformer mainly consists of the following contributions:
•
Capacitance across each winding (CP and CS, in the image below) due to the capacitive coupling between
the coil and the core. As already mentioned, the winding capacitances are involved in the ringing observed
during transition from off to on-phase of the primary side.
•
Interwinding capacitance (CWW), that is the capacitance between windings. The interwinding capacitance
should be reduced in order to limit disturbance on the primary side due to possible steep voltage transitions
present in the load connected to the secondary output.
Figure 49. Transformer parasitic capacitances
10.3
Schottky diode
In the selection of the Schottky diode, the following parameters should be considered:
•
Maximum forward current, mainly defined by the secondary output current demand (see Eq. (44))
•
Forward voltage drop, which affects the secondary output voltage regulation
•
Maximum peak reverse voltage. During the on-phase of the primary side, when in the secondary side no
current flows, the diode is reverse biased and must withstand this voltage:
VD1_rev=N∙VINmax−VOUT_pri+VOUT_sec
(45)
•
Junction capacitance, which should be as low as possible in order to reduce the ringing described in the
previous section
L6983I
Schottky diode
DS14040 - Rev 1
page 42/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com