Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 37Page - STMicroelectronics L6983I Datasheet HTML 38Page - STMicroelectronics L6983I Datasheet HTML 39Page - STMicroelectronics L6983I Datasheet HTML 40Page - STMicroelectronics L6983I Datasheet HTML 41Page - STMicroelectronics L6983I Datasheet HTML 42Page - STMicroelectronics L6983I Datasheet HTML 43Page - STMicroelectronics L6983I Datasheet HTML 44Page - STMicroelectronics L6983I Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Figure 46. Primary winding current peak reduction with higher leakage or higher secondary winding
resistance
Another effect of the leakage inductance is the ringing observed when the transition from the off-phase to
on-phase occurs. These oscillations are due to the LC circuit represented by the leakage inductance and the total
parasitic capacitance observed by the primary winding. This capacitance consists of several contributions:
•
Primary winding capacitance
•
Secondary winding capacitance, reflected to the primary side
•
Reverse capacitance of the Schottky diode, reflected to the primary side
The ringing at primary side could affect the regulation loop and falsely trigger the internal comparator, turning off
the high-side MOSFET although it should be kept on. This might result in undesired jitter at switch node.
Figure 47. Filtering effect of the snubber network
A proper masking time (TON MIN) filters these oscillations, which otherwise can affect the loop on the primary side.
Nevertheless, an RC snubber circuit (depicted in Figure 48. RC snubber network) to dump this ringing is always
recommended.
L6983I
Transformer selection
DS14040 - Rev 1
page 41/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com