Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983I Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 34Page - STMicroelectronics L6983I Datasheet HTML 35Page - STMicroelectronics L6983I Datasheet HTML 36Page - STMicroelectronics L6983I Datasheet HTML 37Page - STMicroelectronics L6983I Datasheet HTML 38Page - STMicroelectronics L6983I Datasheet HTML 39Page - STMicroelectronics L6983I Datasheet HTML 40Page - STMicroelectronics L6983I Datasheet HTML 41Page - STMicroelectronics L6983I Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
10.2
Transformer selection
The transformer has two essential tasks:
•
Providing the isolation between the primary and secondary side in accordance with the application
requirements
•
Generating the necessary secondary output voltage from the regulated primary voltage with the most
suitable turn ratio
The transformer selection implies the definition of the following parameters:
•
Isolation voltage
•
Turn ratio
•
Primary inductance
•
Peak and RMS currents
•
Windings resistance
•
Leakage inductance
•
Parasitic capacitances
Isolation voltage
The isolation of the transformer in terms of voltage capability (1.5 kV, 4 kV, and so on) and type (functional basic,
reinforced, etc.) is mainly driven by the application. Both parameters normally affect the size of the transformer as
well as other electrical characteristics (for example, winding resistance, leakage inductance, etc.).
Turn ratio
Naming Npri and Nsec the number of turns of the primary and secondary windings respectively, the turn ratio is so
defined:
N= NsecNprim
(37)
Considering Eq. (24), the turn ratio must be defined so that the voltage at the secondary output is the desired one
over the whole secondary output current range:
N≥ VOUT_sec+Rwind_sec∙IOUT_sec+VFD1
VOUT_pri+IOUTpri∙RDSonLS+Rwind_pri
(38)
If no current is drawn from the primary output, the turn ratio should only be chosen to compensate the drops due
to the secondary winding resistance and the Schottky diode.
The effect of the leakage inductance on the secondary output voltage regulation (not included in the equation
above) should be taken into account too. Figure 17 clearly shows how the secondary output voltage can drift due
to the leakage inductance.
Primary inductance
The choice of the primary inductance does not differ so much from a standard buck. The magnetizing current,
(see Figure 44) which combines the two winding currents, has the same shape as the buck inductor current and
can be defined as:
IL_mag=Ipri+N∙Isec
(39)
L6983I
Transformer selection
DS14040 - Rev 1
page 38/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com